Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN1625 Datasheet(PDF) 29 Page - STMicroelectronics

Part # AN1625
Description  L6235 THREE PHASE BRUSHLESS DC MOTOR DRIVER
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1625 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button AN1625 Datasheet HTML 25Page - STMicroelectronics AN1625 Datasheet HTML 26Page - STMicroelectronics AN1625 Datasheet HTML 27Page - STMicroelectronics AN1625 Datasheet HTML 28Page - STMicroelectronics AN1625 Datasheet HTML 29Page - STMicroelectronics AN1625 Datasheet HTML 30Page - STMicroelectronics AN1625 Datasheet HTML 31Page - STMicroelectronics AN1625 Datasheet HTML 32Page - STMicroelectronics AN1625 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 39 page
background image
29/39
AN1625 APPLICATION NOTE
Figure 31. Regulated speed variations versus mechanical load.
2.15.2 Dynamic performance:
The loop bandwidth is the frequency range in which the loop gain is greater than 1 (0 dB). In the example it's
about 2.5 Hz. It expresses how fast will the loop regulate the speed after load changes.
The transfer function between the resistant torque and the motor speed is
,
while between speed reference voltage and speed we have:
Figure 32 and Figure 33 show how the speed changes after applying a 1mN resistant torque step and a 1V
speed voltage step, respectively
0.005
0.01
0.015
0.02
0.025
0.03
1.5.10
4
2 .10
4
2.5.10
4
3 .10
4
Resistant Torque (Tb) [Nm]
Vref=4.17 V
Vref=4.67 V
Vref=3.67 V
0
0.005
0.01
0.015
0.02
0.025
0.03
10
8
6
4
2
0
Resistant Torque (Tb) [Nm]
Vref=4.17 V
3.5.10
4
ω
M s
()
T
b s
()
----------------
1s
τ
1
+
()
–
D
--------------------------
1s
τ
M
+
() 1sτ
I
+
()
1
D
---- Gω v
–
G
op
amp
–
G
1
k
T
⋅⋅
⋅
⋅
+
⋅
--------------------------------------------------------------------------------------------------------------------------------------
=
ω
M s
()
V
spe ed s
()
--------------------------
1
G
op
amp
–
1s
τ
I
+
-------------------------
+

 G
1
k
T
⋅⋅
D1
s
τ
M
+
()
⋅
Gω v
–
G
1
k
T
G
op
amp
–
1s
τ
I
+
-------------------------
⋅⋅
⋅
+
-----------------------------------------------------------------------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com