Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN1625 Datasheet(PDF) 33 Page - STMicroelectronics

Part # AN1625
Description  L6235 THREE PHASE BRUSHLESS DC MOTOR DRIVER
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1625 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button AN1625 Datasheet HTML 29Page - STMicroelectronics AN1625 Datasheet HTML 30Page - STMicroelectronics AN1625 Datasheet HTML 31Page - STMicroelectronics AN1625 Datasheet HTML 32Page - STMicroelectronics AN1625 Datasheet HTML 33Page - STMicroelectronics AN1625 Datasheet HTML 34Page - STMicroelectronics AN1625 Datasheet HTML 35Page - STMicroelectronics AN1625 Datasheet HTML 36Page - STMicroelectronics AN1625 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 39 page
background image
33/39
AN1625 APPLICATION NOTE
Motor Data
Winding Resistance (2 phases):
2
Ω
Winding Inductance (2 phases):
800
µH
Supply Voltage:
24 V +/- 5%
Polar Couples:
1
Referring to approximated formulae in Figure 24, it's possible to calculate the Duty Cycle (D), the Switching Fre-
quency (fSW), the Current Ripple (∆I). With a 8 µs off-time, we will have:
D
≅ 61%, fSW ≅ 49 kHz, ∆I ≅ 320 mA.
The on-time is tON = D / fSW ≅ 12.5 µs, which is far from the minimum allowed (1.5 µs).
The bulk capacitor needs to withstand at least 24 V + 5% + 25%
≅ 32 V. A 50 V capacitor will be used. Allowing
a voltage ripple of 200 mV, the capacitor ESR should be lower than 200 mV / 1A = 200 m
Ω; the AC current
capability should be about 1.5 A (worst case).
Providing a reference voltage of 0.5 V, 0.33
Ω sensing resistor are needed. The resistors power rating is about
PR
≅ Irms2 · RSENSE · D ≅ 0.37 W. Three 1 Ω / 0.25 W - 1% resistors in parallel are used. The charge pump
uses recommended components (1N4148 diodes, ceramic capacitors and a 100
Ω resistor to reduce EMI).
R = 24 k
Ω, C = 470 pF are connected to the RC pins, obtaining tOFF ≅ 7.8 µs. On the EN pin a 5.6 nF has been
placed, and the pin is driven by the
µC through a 100 kΩ resistor.
With these values, in case of short circuit between two OUT pins or an OUT pin and GND, the PowerDMOS
turns off after about 1
µs, and tDISABLE ≅ 240 µs.
Figure 36. Application Example.
Referring to Figure 23, Figure 24, Figure 25, the dissipating power is about 2.37 W. If the ambient temperature
is lower than 50 °C, with 5 cm2 of copper area on the PCB, a ground layer and a PowerSO36 package, the
estimated junction temperature is about 97 °C.
+
-
VS = 24 V
Vref = 0.5 V
EN
H1
BRAKE
CW/CCW
H3
H2
Vref
RCPULSE
RCOFF
GND
GND
GND
GND
SENSEA
SENSEB
VSA
VSB
VBOOT
CP
OUT3
OUT1 OUT2
1N4148
1N4148
100 k
Ω
24 k
Ω
1%
100
Ω
0.25W
5.6 nF
Ceramic
47nF
Ceramic
470 pF
Ceramic
100nF 50V
Ceramic
220nF 35V
Ceramic
10nF 50V
Ceramic
100µF 50V
ESR<200m
Ω
L6235
µC
or
Custom Logic
3-Phase
Brushless DC Motor
+
-
3 X
1
Ω, 0.25 W, 1%
2 k
Ω 0.25 W
1%
18 k
Ω 0.25 W
1%
Logic Supply
5 V
TACHO
DIAG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com