Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN1625 Datasheet(PDF) 25 Page - STMicroelectronics

Part # AN1625
Description  L6235 THREE PHASE BRUSHLESS DC MOTOR DRIVER
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1625 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button AN1625 Datasheet HTML 21Page - STMicroelectronics AN1625 Datasheet HTML 22Page - STMicroelectronics AN1625 Datasheet HTML 23Page - STMicroelectronics AN1625 Datasheet HTML 24Page - STMicroelectronics AN1625 Datasheet HTML 25Page - STMicroelectronics AN1625 Datasheet HTML 26Page - STMicroelectronics AN1625 Datasheet HTML 27Page - STMicroelectronics AN1625 Datasheet HTML 28Page - STMicroelectronics AN1625 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 39 page
background image
25/39
AN1625 APPLICATION NOTE
2.15 Tacho Output and Speed Loop
H1 input is internally connected to a monostable that provides, through an open drain mosfet, a fixed width pulse
on the tacho output (see Figure 26). Through this output realizing a speed loop is very easy and inexpensive.
Providing an external pull-up resistor on this open drain output, the resulting waveform at the pin will be a
square-wave whose frequency is proportional to the motor rotation speed, with a fixed on-time (tPULSE) set by
an external RC network connected at the RCPULSE pin.
Figure 26. Tacho monostable.
Tacho monostable is identical to RCoff monostable, and the fixed pulse time is defined by:
Figure 27. tacho pulses selection.
RCPULSE
H1
TACHO
Tacho
Monostable
to the Decoding Logic
+5V
GND
Hall effect sensor 1
from the motor
tPULSE
t
puls e
0.6R
PU LSE CPULS E
≅
1
10
100
10
100
1 .10
3
1 .10
4
Cpul [nF]
RPUL = 100kΩ
RPUL = 47kΩ
RPUL = 20kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com