Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN1625 Datasheet(PDF) 30 Page - STMicroelectronics

Part # AN1625
Description  L6235 THREE PHASE BRUSHLESS DC MOTOR DRIVER
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1625 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button AN1625 Datasheet HTML 26Page - STMicroelectronics AN1625 Datasheet HTML 27Page - STMicroelectronics AN1625 Datasheet HTML 28Page - STMicroelectronics AN1625 Datasheet HTML 29Page - STMicroelectronics AN1625 Datasheet HTML 30Page - STMicroelectronics AN1625 Datasheet HTML 31Page - STMicroelectronics AN1625 Datasheet HTML 32Page - STMicroelectronics AN1625 Datasheet HTML 33Page - STMicroelectronics AN1625 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 39 page
background image
AN1625 APPLICATION NOTE
30/39
Figure 32. Speed response to a 1mNm resistant torque step
Figure 33. Speed response to a 1V speed voltage step.
2.15.3 Loop Stability:
The phase margin is defined as 180° minus the phase of Gloop at the cut frequency (where Gloop=1). It should
be at least 45° to guarantee the stability. In the example it's about 65°.
2.15.4 Reference voltage ripple:
Due to the tacho waveform integration, the reference voltage provided to the L6235 Vref input is a triangular
wave (see Figure 27). The ripple can be calculated through the approximate relation:
,
where DC is the duty-cycle of the square wave at the tacho output:
Since this reference voltage is the torque control voltage, the ripple should be kept as low as possible,
accordingly to others main parameters. In the example the ripple is about 60 mV.
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
100
80
60
40
20
0
t [s]
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0
1600
3200
4800
6400
8000
t [s]
∆V
re f
speedref
1
DC
–
()
⋅
R
fb1
f
tacho
C
fb
⋅⋅
------------------------------------------------------
R
2
R
1
R
2
+
--------------------
⋅
=
DC
nt
pul se
ω
m
⋅⋅
2
π
-----------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com