Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN1625 Datasheet(PDF) 10 Page - STMicroelectronics

Part # AN1625
Description  L6235 THREE PHASE BRUSHLESS DC MOTOR DRIVER
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1625 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button AN1625 Datasheet HTML 6Page - STMicroelectronics AN1625 Datasheet HTML 7Page - STMicroelectronics AN1625 Datasheet HTML 8Page - STMicroelectronics AN1625 Datasheet HTML 9Page - STMicroelectronics AN1625 Datasheet HTML 10Page - STMicroelectronics AN1625 Datasheet HTML 11Page - STMicroelectronics AN1625 Datasheet HTML 12Page - STMicroelectronics AN1625 Datasheet HTML 13Page - STMicroelectronics AN1625 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 39 page
background image
AN1625 APPLICATION NOTE
10/39
2.8 Reference Voltage for PWM Current Control
The device has an analog input, Vref, connected to the internal sense comparator, to control the peak value of
the motor current through the integrated PWM circuitry. A fixed reference voltage can be easily obtained through
a resistive divider from an available 5 V voltage rail (maybe the one supplying the µC or the rest of the applica-
tion) and GND.
A very simple way to obtain a variable voltage without using a DAC is to low-pass filter a PWM output of a µC
(see Figure 9).
Figure 9. Obtaining a variable voltage through a PWM output of a µC.
Assuming that the PWM output swings from 0 to 5V, the resulting average voltage will be
where DµC is the duty-cycle of the PWM output of the µC.
Assuming that the µC output impedance is lower than 1k
Ω, with RLP = 56kΩ, RDIV = 15kΩ, CLP = 10nF and a
µC PWM switching from 0 to 5V at 100kHz, the low pass filter time constant is about 0.12 ms and the remaining
ripple on the Vref voltage will be about 20 mV. Using higher values for RLP, RDIV and CLP will reduce the ripple,
but the reference voltage will take more time to vary after changing the duty-cycle of the µC PWM, and too high
values of RLP will also increase the impedance of the Vref net at low frequencies, causing a poor noise immunity.
As sensing resistor value is typically kept small, a small noise on Vref input pins might cause a considerable error
in the output current. It's then recommended to decouple this pin with a ceramic capacitor of some tens of nF,
placed very close to Vref and GND pins. Note that Vref pin cannot be left unconnected, while, if connected to
GND, zero current is not guaranteed due to voltage offset in the sense comparator. The best way to cut down
(IC) power consumption and clear the load current is pulling down the EN pin. With very small reference voltage,
PWM integrated circuitry can loose control of the current due to the minimum allowed duration of tON (see the
Programmable off-time Monostable section).
RLP
C LP
Vref
GND
PWM Output
of a µC
RDIV
V
ref
5V DµC RDIV
⋅⋅
R
LP
R
DIV
+
-----------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com