Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN1625 Datasheet(PDF) 37 Page - STMicroelectronics

Part # AN1625
Description  L6235 THREE PHASE BRUSHLESS DC MOTOR DRIVER
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1625 Datasheet(HTML) 37 Page - STMicroelectronics

Back Button AN1625 Datasheet HTML 31Page - STMicroelectronics AN1625 Datasheet HTML 32Page - STMicroelectronics AN1625 Datasheet HTML 33Page - STMicroelectronics AN1625 Datasheet HTML 34Page - STMicroelectronics AN1625 Datasheet HTML 35Page - STMicroelectronics AN1625 Datasheet HTML 36Page - STMicroelectronics AN1625 Datasheet HTML 37Page - STMicroelectronics AN1625 Datasheet HTML 38Page - STMicroelectronics AN1625 Datasheet HTML 39Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 37 / 39 page
background image
37/39
AN1625 APPLICATION NOTE
Figure 40. L6235N Evaluation Board Electrical schematic.
+5V
+5V
VCCREF
+5V
VCCREF
PullUp
+5V
TP
TP
TP
PullUp
PullUp
Pullup
+5V
PullUp
BRAKE
EN
TRQ
REV
SPEED
FW
CN4
CN5
C10
R16
CN1
CN2
C5
D2
R5
C2
C9
R11
C8
R10
R2
R4
R3
D3
R17
R20
C3
R6
R9
C1
CN3
JP1
R18
C4
D1
R8
R7
C12
U2A
LM358
8
4
JP2
R1
R19
R15
R21
U2B
LM358
8
4
S1
9
11
16
8
1
15
10
14
2
13
3
12
4
5
6
7
C6
C11
R22
R12
U1
L6235
SENSE1
3
RCOFF
4
TACHO
8
DIAG
2
RCPULSE
9
VREF
13
SENSE2
10
GND
6
GND
7
VBOOT
15
VSB
17
GND
18
GND
19
VSA
20
VCP
22
C7
R14
R13
SENSE
H3
H1
H2
H1H2H3
DIAG
VREF
H1
VREF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com