Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN1625 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN1625
Description  L6235 THREE PHASE BRUSHLESS DC MOTOR DRIVER
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1625 Datasheet(HTML) 1 Page - STMicroelectronics

  AN1625 Datasheet HTML 1Page - STMicroelectronics AN1625 Datasheet HTML 2Page - STMicroelectronics AN1625 Datasheet HTML 3Page - STMicroelectronics AN1625 Datasheet HTML 4Page - STMicroelectronics AN1625 Datasheet HTML 5Page - STMicroelectronics AN1625 Datasheet HTML 6Page - STMicroelectronics AN1625 Datasheet HTML 7Page - STMicroelectronics AN1625 Datasheet HTML 8Page - STMicroelectronics AN1625 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 39 page
background image
1/39
AN1625
APPLICATION NOTE
October 2003
1
INTRODUCTION
For small-motor applications many appliance designers favor modern three phase brushless DC motors be-
cause of the high efficiency (as great as 95%) and small size for a given delivered power. Designers have to
handle control logic, torque and speed control, power-delivery issues and ensure safe operation in every load
condition. The L6235 is a highly integrated, mixed-signal power IC that allows to easily design a complete motor
control system for BLDC motor. Figure 1 shows the L6235 block diagram. The IC integrates six Power DMOS,
a centralized logic circuit to decode hall effect sensors and a constant tOFF PWM current control technique (Syn-
chronous mode) plus other added features for safe operation and flexibility.
Figure 1. L6235 Block Diagram.
CHARGE
PUMP
VOLTAGE
REGULATOR
HALL-EFFECT
SENSORS
DECODING
LOGIC
THERMAL
PROTECTION
TACHO
MONOSTABLE
OCD1
OCD
OCD
OCD2
10V
5V
VCP
VSA
GATE
LOGIC
VBOOT
VBOOT
OUT1
OUT2
SENSEA
VSB
OUT3
SENSEB
DIAG
EN
FWD/REV
BRAKE
H3
H1
RCPULSE
D99IN1095B
TACHO
RCOFF
H2
OCD3
ONE SHOT
MONOSTABLE
MASKING
TIME
VBOOT
OCD1
10V
VBOOT
OCD2
10V
VBOOT
OCD3
10V
SENSE
COMPARATOR
+
-
PWM
VREF
by Vincenzo Marano
L6235 THREE PHASE BRUSHLESS DC MOTOR DRIVER
Modern motion control applications need more flexibility that can be addressed only with specialized
ICs products. The L6235 is a fully integrated motor driver IC specifically developed to drive a wide range
of BLDC motors with Hall effect sensors. This IC is a one-chip cost effective solution that includes
several unique circuit design features. These features, including a universal decoding logic that allows
the device to be used with most common Hall effect spacing, will be described. The principal aim of this
development project was to produce an easy to use, fully protected power IC. In addition several key
functions as protection circuit and high speed PWM current control allow to drastically reduce the
external components count to meet requirements for many different applications.


Similar Part No. - AN1625

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN1620 STMICROELECTRONICS-AN1620 Datasheet
62Kb / 4P
25W OFF-LINE AUTORANGING BATTERY CHARGER
Nov-2002
logo
Arista Networks, Inc
AN1620 ARISTA-AN1620 Datasheet
1Mb / 50P
Quick Start Guide 7280CR2x-30 Series 1 RU Data Center Switches
logo
STMicroelectronics
AN1621 STMICROELECTRONICS-AN1621 Datasheet
120Kb / 14P
300W SECONDARY CONTROLLED TWO-SWITCH
Nov-2002
logo
Arista Networks, Inc
AN1622 ARISTA-AN1622 Datasheet
1Mb / 48P
7060 Series 1 RU (Gen 3) Data Center Switches
logo
STMicroelectronics
AN1623 STMICROELECTRONICS-AN1623 Datasheet
78Kb / 6P
REGULATION LOOPS PRECISION CALCULATION
Nov-2002
More results

Similar Description - AN1625

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB1695 SANYO-LB1695 Datasheet
99Kb / 7P
Three-Phase Brushless Motor Driver
LB1870 SANYO-LB1870 Datasheet
279Kb / 10P
Three-Phase Brushless Motor Driver
logo
Hitachi Semiconductor
HA13536F HITACHI-HA13536F Datasheet
62Kb / 16P
Three-Phase Brushless DC Motor Driver IC
HA13563 HITACHI-HA13563 Datasheet
82Kb / 18P
Three-Phase Brushless Motor Driver
HA13565F HITACHI-HA13565F Datasheet
62Kb / 17P
Three-Phase Brushless DC Motor Driver IC
HA13605A HITACHI-HA13605A Datasheet
81Kb / 18P
Three-Phase Brushless Motor Driver
HA13441 HITACHI-HA13441 Datasheet
143Kb / 6P
THREE PHASE BRUSHLESS DC MOTOR DRIVER
logo
Sanyo Semicon Device
LB11923V SANYO-LB11923V_06 Datasheet
169Kb / 20P
Three-Phase Brushless Motor Driver
logo
Texas Instruments
DRV10970 TI1-DRV10970 Datasheet
672Kb / 38P
Three-Phase Brushless DC Motor Driver
logo
STMicroelectronics
EVAL6235PD STMICROELECTRONICS-EVAL6235PD Datasheet
1Mb / 10P
L6235 three-phase brushless DC motor driver demonstration board
25-Aug-2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com