Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN1882 Datasheet(PDF) 8 Page - STMicroelectronics

Part # AN1882
Description  This application note details the main features
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1882 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button AN1882 Datasheet HTML 4Page - STMicroelectronics AN1882 Datasheet HTML 5Page - STMicroelectronics AN1882 Datasheet HTML 6Page - STMicroelectronics AN1882 Datasheet HTML 7Page - STMicroelectronics AN1882 Datasheet HTML 8Page - STMicroelectronics AN1882 Datasheet HTML 9Page - STMicroelectronics AN1882 Datasheet HTML 10Page - STMicroelectronics AN1882 Datasheet HTML 11Page - STMicroelectronics AN1882 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
Functional description
AN1882
8/30
Doc ID 10209 Rev 4
Figure 5.
Low consumption mode
Figure 6.
Low noise mode
Measurement conditions: VIN = 4.2 V; VOUT = 1.5 V; IOUT = 30 mA; L = 6.8 µH; CIN = 10 µF;
COUT = 22 µF; RC = 40 kΩ; CC = 330 pF
In
Figure 19 is shown a comparison between the efficiency in low noise mode and the
efficiency in low consumption mode.
3.2
System stability
Since the device operates with constant frequency peak current mode architecture, the
voltage loop stability is usually not a big issue. For most of the applications a 220 pF
connected between the COMP pin and ground is enough to guarantee the stability. In case
very low ESR capacitors are used for the output filter, such as multilayer ceramic capacitors,
the zero introduced by the capacitor itself can be shifted at a frequency well above the
resonance frequency of the L-C filter and the loop stability could be affected.
Adding a series resistor to the 220 pF capacitor can solve this problem. The right value for
the resistor can be determined by checking the load transient response voltage waveforms.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com