Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN1882 Datasheet(PDF) 27 Page - STMicroelectronics

Part # AN1882
Description  This application note details the main features
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1882 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button AN1882 Datasheet HTML 22Page - STMicroelectronics AN1882 Datasheet HTML 23Page - STMicroelectronics AN1882 Datasheet HTML 24Page - STMicroelectronics AN1882 Datasheet HTML 25Page - STMicroelectronics AN1882 Datasheet HTML 26Page - STMicroelectronics AN1882 Datasheet HTML 27Page - STMicroelectronics AN1882 Datasheet HTML 28Page - STMicroelectronics AN1882 Datasheet HTML 29Page - STMicroelectronics AN1882 Datasheet HTML 30Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 27 / 30 page
background image
AN1882
Application ideas
Doc ID 10209 Rev 4
27/30
Equation 24
This topology is possible because the input source is a battery, and thus must not be
referred to ground.
A drawback of this approach, intrinsic to the boost topology, is that a path between the input
and output is always present. This does not allow effective short-circuit protection and can
generate a battery discharge also when the device is turned off.
9.2.3
Driving white LEDs: buck/boost topology
In case a single Li-Ion cell is used at the input, a buck/boost topology can be used, as shown
in
Figure 25.
Figure 26.
Buck boost topology schematic
The relationship between the output current and the switch current is the same as the boost
topology. An advantage of this topology compared with the boost, is that when the device is
turned off, there is no current path between the input and the output. This allows an effective
short-circuit protection and minimizes the current drawn from the battery when the device is
turned off.
A dimming control can be developed by turning on and off the device with a frequency of
around 100-200 Hz in order to avoid LED flickering. Another way to implement the led
dimming is to reduce the voltage drop across the resistor in series to the LED to a partition
of the FB voltage. The
Figure 27 and Figure 28 shows the relative circuits.
I
OUT
IS
WITCH 1D
–
()
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com