Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN1882 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN1882
Description  This application note details the main features
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1882 Datasheet(HTML) 1 Page - STMicroelectronics

  AN1882 Datasheet HTML 1Page - STMicroelectronics AN1882 Datasheet HTML 2Page - STMicroelectronics AN1882 Datasheet HTML 3Page - STMicroelectronics AN1882 Datasheet HTML 4Page - STMicroelectronics AN1882 Datasheet HTML 5Page - STMicroelectronics AN1882 Datasheet HTML 6Page - STMicroelectronics AN1882 Datasheet HTML 7Page - STMicroelectronics AN1882 Datasheet HTML 8Page - STMicroelectronics AN1882 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
April 2012
Doc ID 10209 Rev 4
1/30
AN1882
Application note
Designing with the L6926, high efficiency monolithic
synchronous step-down regulator
Introduction
This application note details the main features and application advantages of this new
synchronous step-down regulator. After describing how the device works and the main
features, a step-by-step design section is provided in order to aid in the selection of the
external components and in the evaluation of the losses. The device performances are
shown in terms of efficiency and thermal results. At the end, some application ideas are
proposed. This new product, designed using BCDV technology, is a high efficiency
monolithic synchronous step-down regulator capable of delivering up to 800 mA of
continuous output current and to regulate the output voltage from 0.6 V up to VIN thanks to
the 100% duty cycle operation capability. The input voltage ranges from 2 V to 5.5 V. The
control loop architecture is based on a constant frequency peak current mode, while high
efficiency at light loads is achieved by a low consumption functionality. The very low
quiescent current (25 µA) and shutdown current (0.2 µA) make the device very suitable to
supply battery-powered equipment like PDAs and hand-held terminals, DSCs (digital still
cameras) and cellular phones. The switching frequency is internally set at 600 kHz, but the
device can be externally synchronized up to 1.4 MHz. An internal reference voltage of 0.6 V
(typ) allows the device to regulate a minimum output voltage of the same low value. The low
MOSFETs RDS(on) ensures high efficiency at high output current. Additional beneficial
features are: hysteretic UVLO, OVP, constant current short-circuit protection, Power Good
and thermal shutdown. The MSOP8 package allows significant space savings on the board.
Figure 1.
Application test circuit
www.st.com


Similar Part No. - AN1882

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN1889 STMICROELECTRONICS-AN1889 Datasheet
467Kb / 33P
The need to choose a high value of the fly-back voltage
13-Aug-2007
More results

Similar Description - AN1882

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN3089 STMICROELECTRONICS-AN3089 Datasheet
649Kb / 25P
This application note describes the characteristics
06-Oct-2014
AN2115 STMICROELECTRONICS-AN2115 Datasheet
825Kb / 33P
This application note details the main features
23-Mar-2011
AN2690 STMICROELECTRONICS-AN2690 Datasheet
1Mb / 31P
This application note describes the characteristics and the features
10-Jun-2008
AN2941 STMICROELECTRONICS-AN2941 Datasheet
1Mb / 37P
This application note describes the characteristics and the features
29-Nov-2010
AN3014 STMICROELECTRONICS-AN3014 Datasheet
1,010Kb / 29P
This application note describes the characteristics and the features
13-Dec-2010
AN3329 STMICROELECTRONICS-AN3329 Datasheet
1Mb / 47P
This application note describes the characteristics and features
25-Feb-2011
AN4599 STMICROELECTRONICS-AN4599 Datasheet
906Kb / 26P
This application note describes the features
03-Feb-2015
AN1577 STMICROELECTRONICS-AN1577 Datasheet
149Kb / 30P
This application note presents the implementation
AN2394 STMICROELECTRONICS-AN2394 Datasheet
163Kb / 13P
The purpose of this application note
06-Dec-2007
TN0516 STMICROELECTRONICS-TN0516 Datasheet
291Kb / 11P
This technical note is an overview of the main features
22-May-2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com