Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN1882 Datasheet(PDF) 14 Page - STMicroelectronics

Part # AN1882
Description  This application note details the main features
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1882 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button AN1882 Datasheet HTML 10Page - STMicroelectronics AN1882 Datasheet HTML 11Page - STMicroelectronics AN1882 Datasheet HTML 12Page - STMicroelectronics AN1882 Datasheet HTML 13Page - STMicroelectronics AN1882 Datasheet HTML 14Page - STMicroelectronics AN1882 Datasheet HTML 15Page - STMicroelectronics AN1882 Datasheet HTML 16Page - STMicroelectronics AN1882 Datasheet HTML 17Page - STMicroelectronics AN1882 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 30 page
background image
Short-circuit protection
AN1882
14/30
Doc ID 10209 Rev 4
Figure 11.
Valley current limit protection
4.1
Synchronization
The device can be synchronized with an external signal from 500 kHz up to 1.4 MHz through
the internal PLL. When the device is locked, the external signal and the high side turn on
rising edges are aligned. In this case the low noise mode is automatically selected. The
device will eventually skip some cycles in very light load conditions depending also on the
input/output conditions. The internal synchronization circuit is inhibited in short-circuit and
over-voltage conditions in order to keep the involved protections effective. The
synchronization signal amplitude can range typically from 1 V to VCC and the duty factor
can range typically from 20% to 80%. Sometimes, if the synchronization signal duty cycle is
very similar to the application duty factor, noise can be detected on the LX pin. In this case
some practical solutions are:
1.
Change the synchronization signal duty factor
2.
Decrease the synchronization signal amplitude
3.
Add 20 pF capacitor between the comp pin and ground.
The device switches at 600 kHz (typ.) if no synchronization signal is applied.
4.2
DROPOUT operation
When the input voltage is a Li-Ion battery, the voltage ranges from a minimum of 3 V or less
to 4.1 V - 4.2 V (depending on the anode material). In case the regulated output voltage is
from 2.5 V and 3.3 V, the device can work in linear mode or dropout operation. The minimum
input voltage necessary to ensure output regulation can be calculated as:
Equation 8
where RDSON_HS_MAX is the maximum high side resistance and RL is the series inductor
resistance.
V
INMIN
V
O
I
O
R
DS on
()HSMAX
R
L
+
()
⋅
+
=
--
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com