Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN1882 Datasheet(PDF) 25 Page - STMicroelectronics

Part # AN1882
Description  This application note details the main features
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1882 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button AN1882 Datasheet HTML 21Page - STMicroelectronics AN1882 Datasheet HTML 22Page - STMicroelectronics AN1882 Datasheet HTML 23Page - STMicroelectronics AN1882 Datasheet HTML 24Page - STMicroelectronics AN1882 Datasheet HTML 25Page - STMicroelectronics AN1882 Datasheet HTML 26Page - STMicroelectronics AN1882 Datasheet HTML 27Page - STMicroelectronics AN1882 Datasheet HTML 28Page - STMicroelectronics AN1882 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 30 page
background image
AN1882
Application ideas
Doc ID 10209 Rev 4
25/30
9
Application ideas
9.1
Buck boost topology
In portable applications, the input voltage changes significantly due to the battery discharge
profile, which often depends on parameters like temperature, discharge rate, battery ageing,
etc. Moreover, in certain applications, the output voltage requirements can also change.
This could imply that is not possible to provide the desired regulated output voltage by using
the simple buck topology. This problem is often present, for example, in systems using a
single Li-Ion cell, whose voltage profile changes from 4.2 V down to 2.7 V or less. In fact, in
these systems, a 3.3 V output is normally required to power processor I/O, memory and
logic. Adopting the buck topology, the 3.3 V output can be regulated until the battery voltage
is approximately 3.4 V, also depending on the minimum dropout of the regulator. Depending
on the battery type and conditions, this would leave unused some 20%-30% of its capacity.
Another application, even more critical, is the power management of 3G phones, where a
3.7 V or more can be required to power the RF power amplifier (PA). In order to use the full
battery capacity also in these applications, a positive buck/boost topology can be used.
Figure 22 shows how to implement it. This topology can be more suitable, compared to a
standard buck, depending on the battery discharge profile and the load conditions. In fact,
the efficiency loss of the buck/boost topology can be translated into an equivalent loss in
battery capacity. This can then be compared with the gain in battery capacity due to the fact
that it is used over the full voltage range.
Figure 23.
Positive buck boost application. 1 Li-Ion cell to 3.3 V@0.25 A
9.2
White LED
White LEDs are now widely used both for LCD backlighting and for illumination. Since their
brightness is proportional to the current flowing through them, a current control loop must be
implemented instead of a voltage one. The device can be used in current control
architecture by simply inserting a sense resistor between the FB and GND pins and
connecting the LED in series with it. The loop will set 0.6 V across the sense resistor, and
so, a constant current flowing through the LED. The current, and by consequence, the
brightness, can be adjusted by changing the resistor value or the voltage across it (by
partitioning the FB pin voltage). The forward voltage across a white LED is approximately
3.6 V and so, depending on the input source, appropriate topologies must be used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com