Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN1882 Datasheet(PDF) 20 Page - STMicroelectronics

Part # AN1882
Description  This application note details the main features
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1882 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button AN1882 Datasheet HTML 16Page - STMicroelectronics AN1882 Datasheet HTML 17Page - STMicroelectronics AN1882 Datasheet HTML 18Page - STMicroelectronics AN1882 Datasheet HTML 19Page - STMicroelectronics AN1882 Datasheet HTML 20Page - STMicroelectronics AN1882 Datasheet HTML 21Page - STMicroelectronics AN1882 Datasheet HTML 22Page - STMicroelectronics AN1882 Datasheet HTML 23Page - STMicroelectronics AN1882 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 30 page
background image
Thermal considerations
AN1882
20/30
Doc ID 10209 Rev 4
6
Thermal considerations
Depending on the electrical application conditions (input voltage, switching frequency, and
output current) and ambient temperature, the heat produced by device losses could
increases the junction temperature over its absolute maximum rating. The following relation
can estimate the junction temperature of the device:
Equation 22
where TA is the ambient temperature of the application, RTH_JA is the thermal resistance
junction to ambient of the package and PTOT is the overall power dissipated by the device.
RTH_JA depends a little bit on the application board but it can approximately considered
equal to 180 °C/W. PTOT is given by:
Equation 23
Figure 12.
Thermal performance results: VIN = 3.7 V VOUT = 1.8 V IOUT = 800 mA
Figure 13.
RDS(on) vs. temperature
For a better estimation of the power dissipated it can be useful to consider the MOSFETs
RDS(on) variation with the temperature, shown in the Figure 13.
T
J
T
A
R
THJA
P
TOT
⋅
+
=
-
P
TOT
P
MOS
P
SWIT CHING
P
GATECHARGE
++
=
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com