Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN1882 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN1882
Description  This application note details the main features
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1882 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN1882 Datasheet HTML 9Page - STMicroelectronics AN1882 Datasheet HTML 10Page - STMicroelectronics AN1882 Datasheet HTML 11Page - STMicroelectronics AN1882 Datasheet HTML 12Page - STMicroelectronics AN1882 Datasheet HTML 13Page - STMicroelectronics AN1882 Datasheet HTML 14Page - STMicroelectronics AN1882 Datasheet HTML 15Page - STMicroelectronics AN1882 Datasheet HTML 16Page - STMicroelectronics AN1882 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
AN1882
Short-circuit protection
Doc ID 10209 Rev 4
13/30
Figure 10.
Equivalent circuit during the OFF time
Considering the figures above, in particular during the OFF time, in despite of the output
voltage is zero, the output current generates, on the parasitic resistances, the voltage drop
necessary to produce a negative slope. So, the higher will be the output current, the higher
will be the negative slope during the OFF time; in this way, the inductor current will find a
stable value. This value is given by:
Equation 6
where TMIN is the minimum ON time, FSW is the switching frequency, RN and RP are the ON
resistance of the low side and high side MOSFETs respectively, RL is the inductor series
resistance and RO is the equivalent output resistance. As it can be seen, in these extreme
conditions, the maximum current value depends both on the application conditions (like VIN
and FSW), the inductor parasitic resistor RL, and the MOSFETS RDS(on) RN and RP. It does
not depend on the peak current limit at all. In order to limit the output current to a safe value
even in extreme short-circuit conditions, a current limit has also been introduced on the low
side MOSFET: this operates as a valley current limit, as shown in
Figure 11. The high side
MOSFET does not turn-on until the inductor current exceeds the valley current limit. This
implies that, depending on the over current conditions, the device skips some cycles, so
reducing the equivalent switching frequency in order to limit the output current. With this
approach, the maximum peak current is definitively limited to:
Equation 7
I
LIM
V
IN
T
MIN
F
SW
⋅
()
⋅
R
N
R
L
+
() 1T
MIN
F
SW
⋅
–
()
R
P
R
L
+
() T
MIN
F
SW
⋅
()
⋅
+
⋅
[]
------------------------------------------------------------------------------------------------------------------------------------------------------
=
I
LIM
I
VALLEY
V
INTMIN
L
----------------------
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com