Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2644 Datasheet(PDF) 59 Page - STMicroelectronics

Part # AN2644
Description  An introduction to LLC resonant
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2644 Datasheet(HTML) 59 Page - STMicroelectronics

Back Button AN2644 Datasheet HTML 55Page - STMicroelectronics AN2644 Datasheet HTML 56Page - STMicroelectronics AN2644 Datasheet HTML 57Page - STMicroelectronics AN2644 Datasheet HTML 58Page - STMicroelectronics AN2644 Datasheet HTML 59Page - STMicroelectronics AN2644 Datasheet HTML 60Page - STMicroelectronics AN2644 Datasheet HTML 61Page - STMicroelectronics AN2644 Datasheet HTML 62Page - STMicroelectronics AN2644 Datasheet HTML 63Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 64 page
background image
AN2644
Power MOSFETs switching losses at turn-off
59/64
Appendix D
Power MOSFETs switching losses at turn-off
The nonlinearity of Coss (refer to Figure 34) makes the voltage of the node HB increase
slowly at its low values and its high values, and much faster when it is half way in its swing
(see the solid VHB waveform labeled "Actual" in Figure 36). Typically, the current through
either Q1 or Q2 during their respective turn-off transients flows during the initial part of the
transition of the node HB, i.e. when its value is changing more slowly. This reduces the
voltage-current overlap and, consequently, the associated power loss with respect to a
linear capacitor. However, the mathematical expression of the loss is extremely complex,
therefore it is more useful to provide a conservative estimate using the equivalent linear
capacitance CHB defined by (Equation 53). The associated VHB curve is the dotted one
labeled "Approx." in Figure 36 (under the assumption Tf < TT).
Again with reference to the turn-off of Q2, the voltage on the node HB can be found by
integration of the branch-constitutive equation of CHB:
Equation 58
Power loss due to voltage-current overlap (switching loss) will occur only during the time
interval (0, Tf) where IQ2 is non-zero, then (Equation 54) will be considered in this interval
only; substituting (Equation 48) in (Equation 58) we find:
Equation 59
Note that in the remainder interval (Tf, TT) the voltage VHB will change linearly with time
because charged by the constant current IR0. The energy lost because of voltage-current
overlap will be calculated by integration of the product of (Equation 59) times (Equation 48):
Equation 60
Power loss will be obtained multiplying the energy loss given by (Equation 60) by the
operating frequency fsw:
Equation 61
The same loss occurs to the high-side power MOSFET Q1 as well, thereby, the total
switching loss will be:
Equation 62
I
C
HB
t
()
C
HB
dV
HB
dt
--------------
V
HB t
()
1
C
HB
-----------
I
C
HB
t
() t
1
C
HB
-----------
I
R0
I
Q2 t
()
–
[] t
d
0
t
∫
=
d
0
t
∫
=
⇒
=
V
HB t
()
1
C
HB
-----------
I
R0
T
f
--------tt
I
R0
2C
HB
T
f
⋅⋅
----------------------------t
2
=
d
0
t
∫
=
t
∈ (0,Tf)
E
off Q2
()
I
Q2 t
() V
HB t
()
⋅
t
I
2
R0
2C
HB
T
f
⋅
------------------------
t
2
1
t
T
f
-----
–
⎝⎠
⎛⎞
t
I
R0
T
f
⋅
()
24C
HB
----------------------
2
=
d
0
T
f
∫
=
d
0
T
f
∫
=
P
off Q2
()
E
off Q2
()f
sw
I
R0
T
f
⋅
()
2
24C
HB
-------------------------
=
=
P
off
TOT
I
R0
T
f
⋅
()
2
12C
HB
------------------------- f
sw
⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com