| Electronic Components Datasheet Search |
|
AN2644 Datasheet(PDF) 22 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN2644 Datasheet(HTML) 22 Page - STMicroelectronics |
|
22 / 64 page ![]() The LLC resonant half-bridge converter AN2644 22/64 the operating point of Q2 is in the third quadrant, current is flowing from the source to drain. D2 keeps on conducting and the voltage across Lp is -a·Vout, so that Lp is not participating in resonance and Cr is resonating with Ls only. IR is a portion of a sinusoid having a frequency f = fR1. This phase ends when IR=0 at t=t3. d) t3 → t4. Q1 is OFF and Q2 is ON. Tank circuit current, which is zero at t=t3 becomes negative. D1 is non-conducting and its reverse voltage is approximately 2·Vout (plus the contribution from LL2, here not shown). Lp's current has a negative slope, so the voltage across Lp must be negative. Since the diode D2 is conducting, this voltage will be equal to -a·Vout. Lp, then, is not participating in resonance, Cr is resonating with Ls only and IR is a portion of a sinusoid having a frequency f = fR1. During this phase, which ends when Q2 is switched off at t=t4, IR reaches its minimum value, after that it starts increasing. Note that at t=t4 IR=I(Lp) and then I(D2)=0. e) t4 → t5. This is the deadtime during which both Q1 and Q2 are OFF. At t=t4 I(Q2)=-I(Lp)=-IR is greater than zero and provides the energy to let the node HB swing from 0 to Vin, so that the body diode of Q1, DQ1, is injected. This allows IR to flow back to the input source. The voltage across Lp reverses to a Vout and its current slope changes sign. D1 starts conducting while D2 is reverse biased with a negative voltage approximately equal to 2·Vout (plus the contribution from LL2, here not shown). This phase ends when Q1 is switched on at t=t5. Figure 16. Operation at resonance (f = fR1): main waveforms f) t5 → t6. Q1 is ON and Q2 is OFF. At t=t5 IR is diverted from DQ1 to the RDS(on) of Q1, so that no significant energy is lost during the turn-on transient. Note that now the operating point of Q1 is in the third quadrant, current is flowing from the source to drain. This phase, along with the preceding one can be referred to as the "external energy recirculation phase": current is negative (coming out of the input terminal) despite that the impressed voltage is positive so that the input energy is I(D2) = D2 current V(D2) = D2 anode voltage I(Q2) = Q2 current I(Lp) = Lp (magnetizing) current Vc = Resonant capacitor voltage LVG = Q2 gate I(D1) = D1 current V(D1) = D1 anode voltage I(Q1) = Q1 current IR = Tank circuit’s current VHB = Node HB voltage HVG= Q1 gate I(D2) = D2 current V(D2) = D2 anode voltage I(Q2) = Q2 current I(Lp) = Lp (magnetizing) current Vc = Resonant capacitor voltage LVG = Q2 gate I(D1) = D1 current V(D1) = D1 anode voltage I(Q1) = Q1 current IR = Tank circuit’s current VHB = Node HB voltage HVG= Q1 gate Q1 OFF Q2 ON Q1 ON Q2 OFF t 0 t 0 t 1 t 1 t 2 t 2 t 4 t 4 t 5 t 5 t 3 t 3 t 6 t 6 Q1 ON Q2 OFF |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |