Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2644 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN2644
Description  An introduction to LLC resonant
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2644 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN2644 Datasheet HTML 9Page - STMicroelectronics AN2644 Datasheet HTML 10Page - STMicroelectronics AN2644 Datasheet HTML 11Page - STMicroelectronics AN2644 Datasheet HTML 12Page - STMicroelectronics AN2644 Datasheet HTML 13Page - STMicroelectronics AN2644 Datasheet HTML 14Page - STMicroelectronics AN2644 Datasheet HTML 15Page - STMicroelectronics AN2644 Datasheet HTML 16Page - STMicroelectronics AN2644 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 64 page
background image
AN2644
The LLC resonant half-bridge converter
13/64
Figure 8.
Power MOSFET totem-pole network driving a resonant tank circuit in a
half-bridge converter
As previously stated, there is no overlap between the conduction of Q1 and Q2.
Additionally, a deadtime TD between the transitions from one state to the other of either
switch, where they both are open, is intentionally inserted. It is intended that when Q1 is
closed and Q2 is open, the voltage applied to the resonant tank circuit is positive. Similarly
we will define as negative the voltage applied to the resonant tank circuit when Q1 is open
and Q2 is closed. Consistently with two-port circuits sign convention, the input current to the
resonant tank, IR, will be positive if entering the circuit, negative otherwise.
Let us assume Q1 closed and Q2 open. It is then IR = I(Q1). Despite that the voltage applied
to the circuit is positive (VHB = Vin), IR can flow in either direction since we are in presence of
reactive elements. Let us suppose that IR is entering the tank circuit (positive current) in the
instant t0 when Q1 opens, and refer to the timing diagram of Figure 9.
The current through Q1 falls quickly and becomes zero at t = t1. Q2 is still open and IR must
keep on flowing almost unchanged because of the inductance of the resonant tank that acts
as a current flywheel. The electrical charge necessary to sustain IR will come initially from
CHB, initially charged at Vin, which will be now discharged. Provided IR(t1) is large enough,
the voltage of the node HB will then fall at a certain rate until t = t2, when its voltage
becomes negative and the body diode of Q2, DQ2, becomes forward biased, thus clamping
the voltage at a diode forward drop VF below ground. IR will go on flowing through DQ2 for
the remaining part of the deadtime TD until t = t3, when Q2 turns on and its RDS(on) shunts
DQ2. When this occurs, the voltage across Q2 is -VF, a value negligible as compared to the
input voltage Vin. In the end, this is what is called zero-voltage switching (ZVS): the turn-on
transition of Q2 is done with negligible dissipation due to voltage-current overlap and with
CHB already discharged, there will be no significant capacitive loss either. Note, however,
that there will be nonnegligible power dissipation associated to Q1's turn-off because there
will be some voltage-current overlap during the time interval t0 - t1.
Resonant
Tank &
Load
Vin
Q1
Q2
I
R
Node
HB
DQ1
DQ2
Coss1
Coss2
CStray
a)
Resonant
Tank &
Load
Vin
Q1
Q2
I
R
Node
HB
DQ1
DQ2
CHB
b)
Resonant
Tank &
Load
Vin
Q1
Q2
I
R
I
R
Node
HB
DQ1
DQ2
Coss1
Coss2
CStray
a)
Resonant
Tank &
Load
Vin
Q1
Q2
I
R
I
R
Node
HB
DQ1
DQ2
CHB
b)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com