Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2644 Datasheet(PDF) 42 Page - STMicroelectronics

Part # AN2644
Description  An introduction to LLC resonant
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2644 Datasheet(HTML) 42 Page - STMicroelectronics

Back Button AN2644 Datasheet HTML 38Page - STMicroelectronics AN2644 Datasheet HTML 39Page - STMicroelectronics AN2644 Datasheet HTML 40Page - STMicroelectronics AN2644 Datasheet HTML 41Page - STMicroelectronics AN2644 Datasheet HTML 42Page - STMicroelectronics AN2644 Datasheet HTML 43Page - STMicroelectronics AN2644 Datasheet HTML 44Page - STMicroelectronics AN2644 Datasheet HTML 45Page - STMicroelectronics AN2644 Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 64 page
background image
The LLC resonant half-bridge converter
AN2644
42/64
Unless the converter is running at very high frequency, which would make turn-off losses
dominant, RDS(on) is usually the major source of power loss in power MOSFET. In the total
loss budget, however, the power wasted in power MOSFETs is usually a minor contributor,
especially when the converter is powered from the output of a PFC preregulator (400 V
typ.). It is not uncommon to see power MOSFETs running cool with minimum heat sinking.
The resonant capacitor Cr dissipates because of its own ESR. For this reason, especially
when very high efficiency is required, Cr should be a low-loss one, suited for AC/pulse
applications. Polypropylene film capacitors are the preferred choice.
Concerning the transformer, high frequency copper losses need to be particularly
addressed. In fact, eddy currents and proximity losses are considerable, especially in the
side-by-side winding arrangement because of the high transverse flux. Litz-type or
multistrand wire is a must for both primary and secondary windings.
Switching losses are essentially located in the power MOSFET Q1 and Q2. As previously
stated, the value of the switched current at heavy load (IRmin) is a trade-off between the
need for ensuring ZVS for both Q1 and Q2 and their turn-off losses. The higher the
switched current is, the higher the margin for ZVS will be, but at the expense of larger
switching loss due to voltage-current overlap. It is intuitive that the optimum design, in terms
of total dynamic losses minimization, is the one that uses for IRmin the minimum value
necessary to achieve ZVS. It still provides zero capacitive turn-on losses with minimum
switching losses at turnoff. Since component tolerance must be accounted for, and losing
ZVS must be avoided not only for efficiency reasons but also to prevent troubles, adequate
margin needs to be considered and the typical operation will be suboptimal.
Secondary rectifiers are usually the components where the majority of power losses occur.
Assuming the rectifiers are identical, their cumulative conduction losses are given by:
Equation 16
where Vth is the rectifier's threshold voltage and Rd its dynamic resistance. With bridge
rectification, losses are almost double because there are always two diodes in the
conduction path (we say "almost" because of the lower blocking voltage rating, so that Vth
and Rd are expected to be slightly lower for the same current rating). Hence this
arrangement is preferred when the output voltage is high. Firstly, the efficiency loss due to
the rectifiers (which is
∝ 2 VF/Vout) becomes less significant. Secondly, the higher the
output voltage is, the more a lower blocking voltage requirement becomes beneficial.
As compared to the ZVS Asymmetrical Half-bridge and the Forward converter, conduction
losses (for the same technology and blocking voltage) would be slightly greater because of
the worse current form factor that would increase the term, but this is compensated by the
absence of recovery and its associated losses. In the end, considering also that in the LLC
resonant half-bridge there is no secondary choke with its associated losses, it is expected
that the total secondary losses will be lower.
2.8
Small-signal behavior
It is essential to know the small-signal behavior of the LLC resonant converter to be able to
design the feedback loop. In line with the approach followed to describe its steady-state
Pd
V
thIout
dc
–
R
dIout
rms
–
2
+
2V
thIout
dc
–
R
dIout
rms
–
2
+
()
⎩⎭
⎪⎪
⎨⎬
⎪⎪
⎧⎫
=
full - wave rectification
bridge rectification



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com