Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2644 Datasheet(PDF) 27 Page - STMicroelectronics

Part # AN2644
Description  An introduction to LLC resonant
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2644 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button AN2644 Datasheet HTML 23Page - STMicroelectronics AN2644 Datasheet HTML 24Page - STMicroelectronics AN2644 Datasheet HTML 25Page - STMicroelectronics AN2644 Datasheet HTML 26Page - STMicroelectronics AN2644 Datasheet HTML 27Page - STMicroelectronics AN2644 Datasheet HTML 28Page - STMicroelectronics AN2644 Datasheet HTML 29Page - STMicroelectronics AN2644 Datasheet HTML 30Page - STMicroelectronics AN2644 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 64 page
background image
AN2644
The LLC resonant half-bridge converter
27/64
loop operation) the voltage conversion ratio diminishes. For a given Vout (closed-loop
operation) operating frequency needs to get back closer to resonance.
5.
The secondary rectifiers D1 and D2 start conducting as Q1 and Q2 turn-on
respectively. The initial current is zero and also its di/dt is low, thus they have a soft
turn-on. D1 and D2 cease to conduct when tank circuit's current IR equals Lp's current
I(Lp). The transformer's secondary current is a·[IR-I(Lp)], then the equality IR = I(Lp)
means that the secondary rectifiers current is zero as well. Unlike when operating at
resonance, this does not happen synchronously with the half-bridge leg transitions
(IR < I(Lp) at t=t1 and IR > I(Lp) at t=t4). However as the leg transition occurs IR and
I(Lp) are "forced" to become equal, then the current of the conducting diode goes to
zero. The physical reason for that is the presence of Ls. When there is a transition of
the half-bridge leg the resulting voltage change is not immediately directly impressed
on the transformer (C can be considered as a short circuit during transitions, i.e. the
voltage across it can be considered constant) but falls across Ls that acts as a "shock
absorber". This leaves I(Lp) unchanged but pushes IR towards I(Lp), forcing a rate of
change that is approximately:
Equation 10
Only when IR equals I(Lp) and no current is flowing through the secondary rectifier
previously conducting can the voltage across the primary winding of the transformer
reverse and hence also the voltage across the secondary rectifiers. In the end, also in
this case they are reverse-biased only when their current has gone to zero, thus
ensuring ZCS.
Figure 18.
Operation above resonance (f > fR1): main waveforms in DCMA operation
at medium load
dI
R
dt
--------
Vc
a V
out
⋅
+
Ls
---------------------------------
–
V
in
Vc
–
aV
out
⋅
+
Ls
-----------------------------------------------
⎩⎭
⎪⎪
⎪⎪
⎨⎬
⎪⎪
⎪⎪
⎧⎫
≈
t
∈(t1, t2)
t
∈(t4, t5)
I(D2) = D2 current
V(D2) = D2 anode voltage
I(Q2) = Q2 current
I(Lp) = Lp (magnetizing) current
Vc = Resonant capacitor voltage
LVG = Q2 gate
I(D1) = D1 current
V(D1) = D1 anode voltage
I(Q1) = Q1 current
IR = Tank circuit’s current
VHB = Node HB voltage
HVG= Q1 gate
t
0
t
1
t
2
t
5
t
6
t
3
t
7
t
4
t
8
Q1 ON
Q2 OFF
Q1 OFF
Q2 ON
Q1 ON
Q2 OFF
I(D2) = D2 current
V(D2) = D2 anode voltage
I(Q2) = Q2 current
I(Lp) = Lp (magnetizing) current
Vc = Resonant capacitor voltage
LVG = Q2 gate
I(D1) = D1 current
V(D1) = D1 anode voltage
I(Q1) = Q1 current
IR = Tank circuit’s current
VHB = Node HB voltage
HVG= Q1 gate
I(D2) = D2 current
V(D2) = D2 anode voltage
I(Q2) = Q2 current
I(Lp) = Lp (magnetizing) current
Vc = Resonant capacitor voltage
LVG = Q2 gate
I(D1) = D1 current
V(D1) = D1 anode voltage
I(Q1) = Q1 current
IR = Tank circuit’s current
VHB = Node HB voltage
HVG= Q1 gate
t
0
t
0
t
1
t
1
t
2
t
2
t
5
t
5
t
6
t
6
t
3
t
3
t
7
t
7
t
4
t
4
t
8
t
8
Q1 ON
Q2 OFF
Q1 OFF
Q2 ON
Q1 ON
Q2 OFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com