| Electronic Components Datasheet Search |
|
AN2644 Datasheet(PDF) 14 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN2644 Datasheet(HTML) 14 Page - STMicroelectronics |
|
14 / 64 page ![]() The LLC resonant half-bridge converter AN2644 14/64 Figure 9. Detail of Q1 ON-OFF and Q2 OFF-ON transitions with soft-switching for Q2 There is an additional positive side effect in turning on Q2 with zero drain-to-source voltage. It is the absence of the Miller effect, normally present in power MOSFETs at turn-on when hard-switched. In fact, as the drain-to-source voltage is already zero when the gate is supplied, the drain-to-gate capacitance Cgd cannot "steal" the charge provided to the gate. The so-called "Miller plateau", the flat portion in the gate voltage waveform, as well as the associated gate charge, is missing here and less driving energy is therefore required. Note that this property provides a method to check if the converter is running with soft-switching or not by looking at the gate waveform of Q2 (which is more convenient because it is source- grounded), as shown in Figure 10 and 11. With similar reasoning it is possible to understand that the same ZVS mechanism occurs to Q1 when it turns on if IR is flowing out of the resonant tank circuit (negative current). In the end we can conclude that, if the tank current at the instant of half-bridge transitions has the same sign as the impressed voltage, both switches will be "soft-switched" at turn-on, i.e. turned on with zero voltage across them (ZVS). It is intuitive that this sign coincidence t 0 –t1 Q1 current fall time; voltage-current overlap for Q1 t 0 –t2 Node HB transition time t 2 –t3 Q2’ body diode conduction time Q1 ON Q2 OFF Q1 OFF Q2 ON Dead-time Q1 OFF Q2 OFF VHB Tank circuit’s current is positive I(Q1 ) Q1’s current falls to zero t0 t1 t2 t3 Magnetizing current equals tank circuit’s current IR Vc = Resonant capacitor voltage VHB = Node HB voltage IR = Tank circuit’s current I(Lp) = Lp (magnetizing) current I(Q1) = MOSFET Q1 current I(CHB) I(CHB) = CHB current HB node’s parasitic capa- citance discharge current Q2 is switched on with essentially zero drain-to-source voltage: ZVS! Low turn-off losses t 0 –t1 Q1 current fall time; voltage-current overlap for Q1 t 0 –t2 Node HB transition time t 2 –t3 Q2’ body diode conduction time Q1 ON Q2 OFF Q1 OFF Q2 ON Dead-time Dead-time Q1 OFF Q2 OFF VHB Tank circuit’s current is positive I(Q1 ) Q1’s current falls to zero t0 t1 t2 t3 Magnetizing current equals tank circuit’s current IR Vc = Resonant capacitor voltage VHB = Node HB voltage IR = Tank circuit’s current I(Lp) = Lp (magnetizing) current I(Q1) = MOSFET Q1 current I(CHB) I(CHB) = CHB current HB node’s parasitic capa- citance discharge current Q2 is switched on with essentially zero drain-to-source voltage: ZVS! Low turn-off losses Figure 10. Q2 gate voltage at turn-on: with soft-switching Figure 11. Q2 gate voltage at turn-on: with hard-switching (no ZVS) HB node is falling down here; current due to Cgd Miller effect Current injection through Cgd due to hard-switching |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |