Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2644 Datasheet(PDF) 20 Page - STMicroelectronics

Part # AN2644
Description  An introduction to LLC resonant
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2644 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button AN2644 Datasheet HTML 16Page - STMicroelectronics AN2644 Datasheet HTML 17Page - STMicroelectronics AN2644 Datasheet HTML 18Page - STMicroelectronics AN2644 Datasheet HTML 19Page - STMicroelectronics AN2644 Datasheet HTML 20Page - STMicroelectronics AN2644 Datasheet HTML 21Page - STMicroelectronics AN2644 Datasheet HTML 22Page - STMicroelectronics AN2644 Datasheet HTML 23Page - STMicroelectronics AN2644 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 64 page
background image
The LLC resonant half-bridge converter
AN2644
20/64
reverse recovery is not invoked. This topic will be addressed in Section 2.3, where it will be
shown that this property is inherent in the topology, hence it occurs regardless of converter's
design or operating conditions.
2.3
Fundamental operating modes
The LLC resonant half-bridge converter features a considerable number of different
operating modes, which stem from its multiresonant nature. Essentially, the term
"multiresonant" means that the configuration of the resonant tank may change within a
single switching cycle. We have seen that there are two resonant frequencies, one (the
higher) associated to either of the secondary rectifiers conducting, the lower one associated
to both rectifiers non-conducting. Then, depending on the input-to-output voltage ratio, the
output load and the characteristics of the resonant tank circuit, the secondary rectifiers can
be always conducting (with the exception of a single point in time), which is referred to as
CCM (Continuous Conduction Mode) like in PWM converters, or there can be finite time
intervals during which neither of the secondary rectifiers is conducting. This will obviously be
called a DCM (Discontinuous Conduction Mode) operating mode.
Different kinds of CCM and DCM operating modes exist, although not all of them can be
seen in a given converter, some are not even recommended, like those associated with
capacitive mode operation. However, in all CCM modes the parallel inductance Lp is always
shunted by the load resistance reflected back to the primary side, so that it never
participates in resonance, rather it acts as an additional load to the remaining LC resonant
circuit. Similarly, in all DCM modes, there will be some finite time intervals where Lp, being
no longer shunted from the secondary side, becomes part of resonance.
In the following we will consider four fundamental operating modes and use the
nomenclature defined in [3]:
1.
Operation at resonance, when the converter works exactly at f = fR1;
2.
Above-resonance operation, when the converter works at a frequency f > fR1. Moving
away from resonance, we will consider three sub-modes:
a)
CCMA operation at heavy load;
b)
DCMA operation at medium load;
c)
DCMAB operation at light load;
3.
Below-resonance operation, when the converter works at a frequency fR2 < f < fR1 with
a load resistor R > Rcrit. Moving away from resonance, we will consider two sub-modes:
a)
DCMAB operation at medium-light load;
b)
DCMB operation at heavy load;
4.
Below-resonance operation, when the converter works at a frequency fR2 < f < fR1 with
a load resistor R < Rcrit (capacitive mode), corresponding to the CCMB operating mode
defined in [3];
In addition, two extreme operating conditions will be considered:
1.
No-load operation (cutoff)
2.
Output short-circuit operation
It is interesting to point out that, unlike PWM converters where DCM operation is invariably
associated to light load operation and CCM to heavy load operation, in the LLC resonant
converter this combination does not hold.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com