Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2644 Datasheet(PDF) 19 Page - STMicroelectronics

Part # AN2644
Description  An introduction to LLC resonant
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2644 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button AN2644 Datasheet HTML 15Page - STMicroelectronics AN2644 Datasheet HTML 16Page - STMicroelectronics AN2644 Datasheet HTML 17Page - STMicroelectronics AN2644 Datasheet HTML 18Page - STMicroelectronics AN2644 Datasheet HTML 19Page - STMicroelectronics AN2644 Datasheet HTML 20Page - STMicroelectronics AN2644 Datasheet HTML 21Page - STMicroelectronics AN2644 Datasheet HTML 22Page - STMicroelectronics AN2644 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 64 page
background image
AN2644
The LLC resonant half-bridge converter
19/64
There is no body diode conduction and, consequently, no recovery. Q1 will be almost soft-
switched at turn-off, while Q2 will have capacitive losses at turn-on. It is true that the turn-on
voltage is lower than Vin, thus the associated energy of CHB is lower, but at no-load the
operating frequency is usually considerably higher than in the capacitive region, then these
power losses may easily overheat Q1 and Q2. Finally, note in Figure 14 that I(Lp) is exactly
superimposed on IR, then the secondary side of the transformer is open and CHB is
resonating with the total inductance Ls+Lp.
Figure 14.
Bridge leg transitions under no-load conditions
From what we have seen we can conclude that the conditions in order for the half-bridge
switches to achieve ZVS are:
1.
Under heavy load conditions, as one switch turns off, the tank current must have the
same sign as the impressed voltage and be large enough so that both the rail-to-rail
transition of the node HB is completed and the current itself does not reverse before the
end of the deadtime, when the other switch turns on.
2.
With no-load, the tank current at the moment one switch turns off (which has definitely
the same sign as the impressed voltage) must be large enough to complete the node
HB transition within the deadtime, before the other switch turns on.
Both conditions can be translated into specifying a minimum current value IRmin that needs
to be switched when either power MOSFET turns off. In general, different IRmin values are
needed to ensure ZVS at heavy load and at no-load. One can simply pick the greater one to
ensure ZVS under any operating condition by design. On the other hand, this minimum
required amount of current is to the detriment of efficiency.
At light or no-load a significant current must be kept circulating in the tank circuit, just to
maintain ZVS, in spite of the current delivered to the load that is close to zero or zero. Using
ac-analysis terminology, a certain amount of reactive energy is required even with no active
energy.
Finally, also at heavy load the value of IRmin to be specified is the result of a trade-off. In fact,
its value is directly related to the turn-off losses of both Q1 and Q2. The higher the switched
current is, the larger the switching loss due to voltage-current overlap will be.
The discussion on the switching mechanism has been focused on the primary-side
switches, and the conditions in order for them to achieve soft-switching (ZVS at turn-on,
precisely) have been found. One important merit of the LLC resonant converter is that also
the rectifiers on the secondary side are soft-switched. They feature zero-current switching
(ZCS) at both turn-on and turn-off. In fact, at turn-on the initial current is always zero and
ramps up with a relatively low di/dt, so that forward recovery does not come into play. At
turn-off they become reverse biased when their forward current is already zero, so that their
V
HB
I
R
I(Lp)
Q2 is hard switched
Q1 ON
Q2 OFF
Q1 OFF
Q2 ON
Q1 OFF
Q2 OFF
VHB = Node HB voltage
IR = Tank circuit’s current
I(Lp) = Lp (magnetizing) current
V
HB
I
R
I(Lp)
Q2 is hard switched
V
HB
I
R
I(Lp)
Q2 is hard switched
Q1 ON
Q2 OFF
Q1 OFF
Q2 ON
Q1 OFF
Q2 OFF
VHB = Node HB voltage
IR = Tank circuit’s current
I(Lp) = Lp (magnetizing) current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com