Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2644 Datasheet(PDF) 62 Page - STMicroelectronics

Part # AN2644
Description  An introduction to LLC resonant
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2644 Datasheet(HTML) 62 Page - STMicroelectronics

Back Button AN2644 Datasheet HTML 56Page - STMicroelectronics AN2644 Datasheet HTML 57Page - STMicroelectronics AN2644 Datasheet HTML 58Page - STMicroelectronics AN2644 Datasheet HTML 59Page - STMicroelectronics AN2644 Datasheet HTML 60Page - STMicroelectronics AN2644 Datasheet HTML 61Page - STMicroelectronics AN2644 Datasheet HTML 62Page - STMicroelectronics AN2644 Datasheet HTML 63Page - STMicroelectronics AN2644 Datasheet HTML 64Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 62 / 64 page
background image
Input current in LLC resonant half-bridge with split resonant capacitors
AN2644
62/64
Note that the input current is the same as in a full-bridge converter, where during each half
switching period there is a conducting path drawing current from the input source.
With the same DC value of Iin, then, the split capacitor configuration makes its peak and
squared rms values are cut in half. Unlike bridge converters, however, the currents I(Q1)
and I(Q2) keep the same value as in the single capacitor half-bridge version.
It is then advantageous to use the split capacitor configuration to reduce not only the ac
current requirements on the resonant capacitors but also the ac current in the input
capacitor and the differential-mode conducted noise. It is then easy to find this solution at
higher power levels but it is advisable to use it also when there is no front-end PFC pre-
regulator. In this case, in fact, the differential-mode noise that the input EMI filter is required
to mitigate is that generated by the resonant half-bridge converter (whereas, with a PFC
front-end the noise generated by this stage would be largely dominant), thus it is possible to
maximally benefit from the reduction of its differential-mode component.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com