Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2644 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN2644
Description  An introduction to LLC resonant
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2644 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button AN2644 Datasheet HTML 2Page - STMicroelectronics AN2644 Datasheet HTML 3Page - STMicroelectronics AN2644 Datasheet HTML 4Page - STMicroelectronics AN2644 Datasheet HTML 5Page - STMicroelectronics AN2644 Datasheet HTML 6Page - STMicroelectronics AN2644 Datasheet HTML 7Page - STMicroelectronics AN2644 Datasheet HTML 8Page - STMicroelectronics AN2644 Datasheet HTML 9Page - STMicroelectronics AN2644 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 64 page
background image
Classification of resonant converters
AN2644
6/64
switching inverters driven by this kind of switch network are considered part of the group
called "class D resonant inverters".
As to resonant tanks, with two reactive elements (one L and one C) there are a total of eight
different possible configurations, but only four of them are practically usable with a voltage
source input. Two of them generate the well-known series resonant converter and parallel
resonant converter considered in [2] and thoroughly treated in literature.
With three reactive elements the number of different tank circuit configurations is thirty-six,
but only fifteen can be used in practice with a voltage source input. One of these, commonly
called LCC because it uses one inductor and two capacitors, with the load connected in
parallel to one C, generates the LCC resonant inverter commonly used in electronic lamp
ballast for gas-discharge lamps. Its dual configuration, using two inductors and one
capacitor, with the load connected in parallel to one L, generates the LLC inverter.
As previously stated, for any resonant inverter there is one associated DC-DC resonant
converter, obtained by rectification and filtering of the inverter output. Predictably, the above-
mentioned class of inverters will originate the "class D resonant converters". Considering
off-line applications, in most cases the rectifier block will be coupled to the resonant inverter
through a transformer to guarantee the isolation required by safety regulations. To maximize
the usage of the energy handled by the inverter, the rectifier block can be configured as
either a full-wave rectifier, which needs a center tap arrangement of transformer's secondary
winding, or a bridge rectifier, in which case tapping is not needed. The first option is
preferable with a low voltage / high current output; the second option with a high voltage /
low current output. As to the low-pass filter, depending on the configuration of the tank
circuit, it will be made by capacitors only or by an L-C type smoothing filter. The so-called
"series-parallel" converter described in [2], typically used in high-voltage power supply, is
derived from the previously mentioned LCC resonant inverter. Its dual configuration, the LLC
inverter, generates the homonymous converter, addressed in [3], [4] and [5], that will be the
subject of the following discussion. In particular we will consider the half-bridge
implementation, illustrated in Figure 3, but the extension to the full-bridge version is quite
straightforward.
Figure 3.
LLC resonant half-bridge schematic
Vin
Vin
Cr
Vout
Ls
Lp
Vout
Vout
Center-tapped output with full-wave
rectification
(low voltage and high current)
Single-ended output with bridge
rectification
(high voltage and low current)
Q1
Q2
D1
D2
a:1:1
a:1
R
R
LLC tank circuit
Preferably integrated into a single
magnetic structure
D1
D4
D3
D2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com