Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2836 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN2836
Description  Modern motion control applications need more flexibility that can be addressed
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2836 Datasheet(HTML) 1 Page - STMicroelectronics

  AN2836 Datasheet HTML 1Page - STMicroelectronics AN2836 Datasheet HTML 2Page - STMicroelectronics AN2836 Datasheet HTML 3Page - STMicroelectronics AN2836 Datasheet HTML 4Page - STMicroelectronics AN2836 Datasheet HTML 5Page - STMicroelectronics AN2836 Datasheet HTML 6Page - STMicroelectronics AN2836 Datasheet HTML 7Page - STMicroelectronics AN2836 Datasheet HTML 8Page - STMicroelectronics AN2836 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 57 page
background image
July 2009
Doc ID 15084 Rev 1
1/57
AN2836
Application note
L6225, L6226, L6227 dual full-bridge drivers
1
Introduction
Modern motion control applications need more flexibility that can be addressed only with
specialized IC products. The L6225, L6226, L6227 are dual full-bridge driver ICs specifically
developed to drive a wide range of motors. These ICs are one-chip, cost-effective solutions
that include several unique circuit design features. These features allow the devices to be
used in many applications including DC and stepper motor driving. The principal aim of this
development project was to produce easy-to-use, fully-protected power ICs. In addition
several key functions such as protection circuit and PWM current control drastically reduce
the number of external components to meet requirements for many different applications.
The L6225, L6226, L6227 are highly integrated, mixed-signal power ICs that allow the user
to easily design a control system for two-phase bipolar stepper motors, multiple DC motors
and a wide range of inductive loads. Figure 1 to Figure 3 show the block diagrams of the
L6225, L6226, L6227 . Each IC integrates eight power DMOS plus other added features for
safe operation and flexibility. The L6227 also features a constant tOFF PWM current control
technique (synchronous mode) for each of the two full bridges
www.st.com


Similar Part No. - AN2836

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN2833 STMICROELECTRONICS-AN2833 Datasheet
2Mb / 32P
Dual step-down controller with auxiliary voltages for industrial system power
24-Feb-2009
AN2834 STMICROELECTRONICS-AN2834 Datasheet
851Kb / 45P
How to get the best ADC accuracy in STM32Fx Series and STM32L1 Series devices
16-Sep-2013
AN2835 STMICROELECTRONICS-AN2835 Datasheet
796Kb / 21P
This application note describes the electronic lamp ballast for 70 W high intensity discharge
13-May-2010
AN2837 STMICROELECTRONICS-AN2837 Datasheet
543Kb / 12P
Positive to negative buck-boost converter
26-Feb-2009
AN2838 STMICROELECTRONICS-AN2838 Datasheet
1Mb / 23P
35 W wide-range high power factor flyback converter evaluation
20-Jan-2014
More results

Similar Description - AN2836

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFS4321-7PPBF IRF-IRFS4321-7PPBF Datasheet
410Kb / 10P
Motion Control Applications
logo
TEMEX
HSO-14 TEMEX-HSO-14 Datasheet
609Kb / 4P
Specific request can be addressed to RAKON
LNO-320-B1 TEMEX-LNO-320-B1 Datasheet
417Kb / 3P
Specific request can be addressed to RAKON
LNO-320-D1 TEMEX-LNO-320-D1 Datasheet
734Kb / 5P
Specific request can be addressed to RAKON
LNO-480-B1 TEMEX-LNO-480-B1 Datasheet
517Kb / 4P
Specific request can be addressed to RAKON
LNO-500-B1 TEMEX-LNO-500-B1 Datasheet
412Kb / 3P
Specific request can be addressed to RAKON
LNO-640-D1 TEMEX-LNO-640-D1 Datasheet
739Kb / 5P
Specific request can be addressed to RAKON
logo
International Rectifier
IRFP4321PBF IRF-IRFP4321PBF_15 Datasheet
297Kb / 9P
Motion Control Applications
IRFS4321-7PPBF IRF-IRFS4321-7PPBF_15 Datasheet
410Kb / 10P
Motion Control Applications
logo
Infineon Technologies A...
IRFI4321PBF INFINEON-IRFI4321PBF Datasheet
599Kb / 9P
Motion Control Applications
2017-04-27
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com