Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2836 Datasheet(PDF) 19 Page - STMicroelectronics

Part # AN2836
Description  Modern motion control applications need more flexibility that can be addressed
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2836 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button AN2836 Datasheet HTML 15Page - STMicroelectronics AN2836 Datasheet HTML 16Page - STMicroelectronics AN2836 Datasheet HTML 17Page - STMicroelectronics AN2836 Datasheet HTML 18Page - STMicroelectronics AN2836 Datasheet HTML 19Page - STMicroelectronics AN2836 Datasheet HTML 20Page - STMicroelectronics AN2836 Datasheet HTML 21Page - STMicroelectronics AN2836 Datasheet HTML 22Page - STMicroelectronics AN2836 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 57 page
background image
AN2836
Designing an application with L6225, L6226, L6227
Doc ID 15084 Rev 1
19/57
Figure 12.
Logic input pins
4.10
EN pins
The ENA, ENB pins are, actually, bi-directional. As an input, with a comparator similar to the
other logic input pins (TTL/CMOS with hysteresis), they control the state of the power
DMOS. When each of the two pins is at a low logic level, all the power DMOS of the
corresponding H-bridge (A or B) are turned off. In L6225 and L6227 the EN pins are also
connected to the two corresponding open-drain outputs of the protection circuits that pull the
pins to GND if overcurrent in the corresponding H-bridge or overtemperature conditions
exist. In L6226 the open-drain outputs are on separate pins, OCDA and OCDB, allowing
easier external diagnostics and overcurrent management. For this reason, with L6225 and
L6227 (and L6226 if EN pins are connected to DIAG pins), EN pins must be driven through
a series resistor of 2.2 k
Ω minimum (for 5 V logic), to allow the voltage at the pin to be pulled
below the turn-off threshold.
A capacitor (CEN in Figure 13) connected between each EN pin and GND is also
recommended, to reduce the RMS value of the output current when overcurrent conditions
persist (see Section 4.13). The EN pin must not be left unconnected.
Figure 13.
ENA and ENB input pins



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com