Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2836 Datasheet(PDF) 10 Page - STMicroelectronics

Part # AN2836
Description  Modern motion control applications need more flexibility that can be addressed
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2836 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button AN2836 Datasheet HTML 6Page - STMicroelectronics AN2836 Datasheet HTML 7Page - STMicroelectronics AN2836 Datasheet HTML 8Page - STMicroelectronics AN2836 Datasheet HTML 9Page - STMicroelectronics AN2836 Datasheet HTML 10Page - STMicroelectronics AN2836 Datasheet HTML 11Page - STMicroelectronics AN2836 Datasheet HTML 12Page - STMicroelectronics AN2836 Datasheet HTML 13Page - STMicroelectronics AN2836 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 57 page
background image
Designing an application with L6225, L6226, L6227
AN2836
10/57
Doc ID 15084 Rev 1
4
Designing an application with L6225, L6226, L6227
4.1
Current ratings
With MOSFET (DMOS) devices, unlike bipolar transistors, current under short-circuit
conditions is, at first approximation, limited by the RDS(on) of the DMOS themselves and
could reach very high values. L6225, L6226, L6227 OUT pins and the two VSA and VSB pins
are rated for a maximum of 1.4 Arms and 2.8 A peak (typical values), corresponding to a
total (for the whole IC) 2.8 Arms (5.6 A peak). These values are meant to avoid damaging
metal structures, including the metallization on the die and bond wires. In practical
applications, though, maximum allowable current is less than these values, due to power
dissipation limits (see Section 4.16). The devices have a built-in overcurrent detection
(OCD) that provides protection against short circuits between the outputs and between an
output and ground (see Section 4.13).
4.2
Voltage ratings and operating range
The L6225, L6226, L6227 require a single supply voltage (VS), for the motor supply. Internal
voltage regulators provide the 5 V and 10 V required for the internal circuitry. The operating
range for VS is 8 to 52 V. To prevent working from an undesirable low supply voltage an
undervoltage lockout (UVLO) circuit shuts down the device when the supply voltage falls
below 5.5 V. To resume normal operating conditions, VS must then exceed 6.3 V. The
hysteresis is provided to avoid false intervention of the UVLO function during fast VS
ringings. It should be noted, however, that RDS(on) of the DMOS is a function of the VS
supply voltage. Actually, when VS is less than 10 V, RDS(on) is adversely affected, and this is
particularly true for the high-side DMOS that are driven from VBOOT supply. This supply is
obtained through a charge pump from the internal 10 V supply, which tends to reduce its
output voltage when VS goes below 10 V. Figure 4 shows the supply voltage of the high-side
gate drivers (VBOOT - VS) versus the supply voltage (VS).
Figure 4.
Supply voltage of high-side gate drivers versus supply voltage
Note that VS must be connected to both VSA and VSB since the bootstrap voltage (at VBOOT
pin) is the same for the two H-bridges. The integrated DMOS have a rated drain-source
breakdown voltage of 60 V. However VS should be kept below 52 V, since in normal working
conditions the DMOS see a Vds voltage that exceeds VS supply. In particular, during a
phase change (when each output of the same H-bridge switches from VS to GND or vice
versa, for example to reverse the current in the load) at the beginning of the deadtime (when
all the DMOS are off) the SENSE pin sees a negative spike due to a non-negligible parasitic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com