Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2836 Datasheet(PDF) 18 Page - STMicroelectronics

Part # AN2836
Description  Modern motion control applications need more flexibility that can be addressed
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2836 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button AN2836 Datasheet HTML 14Page - STMicroelectronics AN2836 Datasheet HTML 15Page - STMicroelectronics AN2836 Datasheet HTML 16Page - STMicroelectronics AN2836 Datasheet HTML 17Page - STMicroelectronics AN2836 Datasheet HTML 18Page - STMicroelectronics AN2836 Datasheet HTML 19Page - STMicroelectronics AN2836 Datasheet HTML 20Page - STMicroelectronics AN2836 Datasheet HTML 21Page - STMicroelectronics AN2836 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 57 page
background image
Designing an application with L6225, L6226, L6227
AN2836
18/57
Doc ID 15084 Rev 1
Figure 11.
Obtaining a variable voltage through a PWM output of a µC
Assuming that the PWM output swings from 0 to 5 V, the resulting voltage is:
Equation 9
where DµC is the duty cycle of the PWM output of the µC.
Assuming that the µC output impedance is lower than 1 k
Ω, with R
LP = 56 kΩ, RDIV = 15 kΩ,
CLP = 10 nF and a µC PWM switching from 0 to 5 V at 100 kHz, the low-pass filter time
constant is about 0.12 ms and the remaining ripple on the Vref voltage is about 20 mV. Using
higher values for RLP, RDIV and CLP reduces the ripple, but the reference voltage takes more
time to vary after changing the duty cycle of the µC PWM, and too high values of RLP also
increase the impedance of the Vref net at low frequencies, causing a poor noise immunity.
As sensing resistor values are typically kept small, a small noise on the Vref input pins might
cause a considerable error in the output current. It's then recommended to decouple these
pins with ceramic capacitors of some tens of nF, placed very close to the Vref and GND pins.
Note that the Vref pins cannot be left unconnected, while, if connected to GND, zero current
is not guaranteed due to the voltage offset in the sense comparator. The best way to cut
down the IC power consumption and clear the load current is to pull down the EN pins. With
very small reference voltage, PWM integrated circuitry can lose control of the current due to
the minimum allowed duration of tON (see Section 4.11).
4.9
Input logic pins
IN1A, IN2A, IN1B, IN2B are CMOS/TTL compatible logic input pins. The input comparator
has been configured with hysteresis to ensure the required noise immunity. Typical values
for turn-on and turn-off thresholds are Vth,ON = 1.8 V and Vth,OFF = 1.3 V. As shown in
Figure 12, these pins are ESD-protected (2 kV human-body electro-static discharge), and
can be directly connected to the logic outputs of a µC. A series resistor is generally not
recommended, as it could help inducted noise to disturb the inputs. All logic pins enforce a
specific behavior and cannot be left unconnected.
V
ref
5V DμC RDIV
⋅⋅
R
LP
R
DIV
+
---------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com