Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2836 Datasheet(PDF) 27 Page - STMicroelectronics

Part # AN2836
Description  Modern motion control applications need more flexibility that can be addressed
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2836 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button AN2836 Datasheet HTML 23Page - STMicroelectronics AN2836 Datasheet HTML 24Page - STMicroelectronics AN2836 Datasheet HTML 25Page - STMicroelectronics AN2836 Datasheet HTML 26Page - STMicroelectronics AN2836 Datasheet HTML 27Page - STMicroelectronics AN2836 Datasheet HTML 28Page - STMicroelectronics AN2836 Datasheet HTML 29Page - STMicroelectronics AN2836 Datasheet HTML 30Page - STMicroelectronics AN2836 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 57 page
background image
AN2836
Designing an application with L6225, L6226, L6227
Doc ID 15084 Rev 1
27/57
Equation 17
tOCD(OFF), tOCD(ON), tD(ON)EN, tD(OFF)EN, and ROPDR are device intrinsic parameters, VDD is
the pull-up voltage applied to REN.
The external RC network, CEN in particular, must be chosen in order to obtain a reasonably
fast OCD intervention (short tDELAY) and a safe disable time (long tDISABLE).
Figure 25 and 26 show both tDISABLE and tDELAY as a function of CEN: at least 100 µs for
tDISABLE are recommended, keeping the delay time below 1÷2 µs at the same time.
The internal open drain can also be turned on if the device experiences an overtemperature
(OVT) condition. The OVT causes the device to shut down when the die temperature
exceeds the OVT threshold (TJ >165 °C typ.). Since the OVT is also connected directly to
the gate drive circuits (see Figure 1 to Figure 3), all the power DMOS shut down, even if the
EN pin voltage is still over Vth(OFF). When the junction temperature falls below the OVT
turn-off threshold (150 °C typ.), the open drain turns off, CEN is recharged up to VTH(ON)
and then the power DMOS are turned back on.
4.14
Adjusting the overcurrent detection trip point (L6226 only)
The L6226 allows the user to set the overcurrent detection threshold separately for the two
full bridges connecting two resistors (RCL) to pins PROGCLA and PROGCLB. The OCD
threshold (ISOVER) follows the equations:
●
ISOVER = 2.8 A ±30% at -25 °C < Tj < 125 °C if RCL = 0 Ω (PROGCL connected to
GND)
●
ISOVER =
±10% at -25 °C < Tj < 125 °C if 5 kΩ < RCL < 40 kΩ
Figure 27 shows the OCD threshold versus the RCL value in the range from 5 kΩ to 40 kΩ.
)
OFF
(
TH
DD
EN
OPDR
)
FALL
(
EN
V
V
ln
C
R
t
⋅
⋅
=
Figure 25.
Typical disable time vs. CEN for
several values of REN
Figure 26.
Typical delay time vs. CEN
AM01645v1
0
0
1
0
1
1
1
10
10 0
1 .10
3
C EN [n F ]
R EN = 220 k
Ω
R EN = 1 0 0 k
Ω
R EN = 4 7 k
Ω
R EN = 33 k
Ω
R EN = 1 0 k
Ω
AM01646v1
0
0
1
0
1
1
0.1
1
10
C EN [n F ]
C EN [n F ]
11050
R
CL
----------------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com