Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2836 Datasheet(PDF) 39 Page - STMicroelectronics

Part # AN2836
Description  Modern motion control applications need more flexibility that can be addressed
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2836 Datasheet(HTML) 39 Page - STMicroelectronics

Back Button AN2836 Datasheet HTML 35Page - STMicroelectronics AN2836 Datasheet HTML 36Page - STMicroelectronics AN2836 Datasheet HTML 37Page - STMicroelectronics AN2836 Datasheet HTML 38Page - STMicroelectronics AN2836 Datasheet HTML 39Page - STMicroelectronics AN2836 Datasheet HTML 40Page - STMicroelectronics AN2836 Datasheet HTML 41Page - STMicroelectronics AN2836 Datasheet HTML 42Page - STMicroelectronics AN2836 Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 57 page
background image
AN2836
Demonstration boards
Doc ID 15084 Rev 1
39/57
Appendix A
Demonstration boards
A.1
PractiSPINTM
PractiSPINTM is an evaluation and demonstration system that can be used with the
powerSPINTM family of devices. A graphical user interface (GUI) program (see Figure 42)
runs on an IBM-PC under windows and communicates with a common ST7-based interface
board (see Figure 43) through the RS232 serial port. The ST7 interface board is connected
to a device-specific board (target board) via a standard 34-pin ribbon cable interface.
Depending on the target device, the PractiSPINTM can drive a stepper motor, 1 or 2 DC
motors or a brushless DC (BLDC) motor, setting significant parameters such as speed,
current, voltage, direction, acceleration and deceleration rates from a user friendly graphic
interface, and programming a sequence of movements.
The software also allows evaluating the power dissipated by the selected device and, for a
given package and dissipating copper area on the PCB, estimates the junction temperature
of the device.
Figure 42.
PractiSPINTM PC software
AM01662v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com