Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2864 Datasheet(PDF) 8 Page - STMicroelectronics

Part # AN2864
Description  VIPER17L demonstration board with wide-range
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2864 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button AN2864 Datasheet HTML 4Page - STMicroelectronics AN2864 Datasheet HTML 5Page - STMicroelectronics AN2864 Datasheet HTML 6Page - STMicroelectronics AN2864 Datasheet HTML 7Page - STMicroelectronics AN2864 Datasheet HTML 8Page - STMicroelectronics AN2864 Datasheet HTML 9Page - STMicroelectronics AN2864 Datasheet HTML 10Page - STMicroelectronics AN2864 Datasheet HTML 11Page - STMicroelectronics AN2864 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
STEVAL-ISA058V1 board description
AN2864
8/29
Doc ID 15282 Rev 1
2
STEVAL-ISA058V1 board description
2.1
Electrical specifications
The electrical specifications of the STEVAL-ISA058V1 demonstration board are listed in
Table 1
.
These electrical specifications often meet the requirements of an auxiliary power supply for
LCD or PDP TVs and external adapters.
2.2
Schematic and bill of material
The schematic of the board is shown in Figure 3 and the bill of materials is given in Table 2.
Figure 3.
STEVAL-ISA058V1 schematic
Table 1.
Electrical specifications
Symbol
Parameter
Value
VIN
Input voltage range
[90 VRMS; 265 VRMS]
VOUT
Output voltage
5 V
IOUT
Max output current
1 A
ΔVOUT_LF
Precision of output regulation
±5%
ΔVOUT_HF
High frequency output voltage ripple
50 mV
D1
BAT46
C4
22uF 25V
R3
33k
L1 4.7uH
C10
YK 47uF 25V
C7
22nF
C6
1.8nF
D4
STPS5L40
C9
MCZ 1000uF 10V
VR1
TS431
R8
120k 1%
R9
39k 1%
R10
220k
1
2
BR1
BRIDGE
C11
15nF
C3
4.7uF 400V
D3
STTH1L06
J1
CON2
F1
1A FUSE
t
NTC1
15 Ohm NTC
T2
BU9 -103R25BL
C1
100nF X2
D2
1N4148
R14
130k
R12
33k
C8 Y1 1nF
C2
10uF 400V
R13
2.2k
OPTO1
PC817 D
4
5
10
7
2
1
6
9
3
T1
TRANSFORMER
5V 1A
D5
P6KE220
R15
15k
1
2
J2
CON2
3
5
BR
CONT
DRAIN
SOURCE
CONTROL
VDD
FB
U1
VIPER17LN
R17
3.3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com