Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2864 Datasheet(PDF) 12 Page - STMicroelectronics

Part # AN2864
Description  VIPER17L demonstration board with wide-range
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2864 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AN2864 Datasheet HTML 8Page - STMicroelectronics AN2864 Datasheet HTML 9Page - STMicroelectronics AN2864 Datasheet HTML 10Page - STMicroelectronics AN2864 Datasheet HTML 11Page - STMicroelectronics AN2864 Datasheet HTML 12Page - STMicroelectronics AN2864 Datasheet HTML 13Page - STMicroelectronics AN2864 Datasheet HTML 14Page - STMicroelectronics AN2864 Datasheet HTML 15Page - STMicroelectronics AN2864 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 29 page
background image
Testing the board
AN2864
12/29
Doc ID 15282 Rev 1
3.2
Precision of the regulation and output voltage ripple
The output voltage of the board is measured in different line and load conditions. Results
are reported in Table 4. The output voltage variation range is a few mV for all the tested
conditions. The VDD voltage is also measured to verify that it is within the operating range of
the device.
The ripple at the switching frequency superimposed on the output voltage is also measured.
The high frequency voltage ripple across capacitor C9 (VOUT_FLY), which is the output
capacitor of the flyback converter before the LC filter, is also measured to verify the
effectiveness of the LC filter. The results are reported in Table 5.
The waveforms of the two voltages (VOUT and VOUT_FLY) are reported in the figures below.
Table 4.
Output voltage and VDD line-load regulation
VINAC (V)
No load
Half load
Full load
VOUT (V)
VDD (v)
VOUT (V)
VDD (V)
VOUT (V)
VDD (V)
90
5.05
10.7
5.04
23.5
5.04
25.4
115
5.06
10.6
5.04
24.1
5.04
25.4
230
5.06
10.6
5.04
25.3
5.04
25.4
265
5.06
10.4
5.04
25.2
5.04
25.4
Table 5.
High frequency output voltage ripple
VINAC
(VRMS)
No load
Half load
Full load
VOUT (mV)
VOUT_FLY
(mV)
VOUT (mV) VOUT_FLY (mV)
VOUT
(mV)
VOUT_FLY
(mV)
90
11.1
94.1
26.0
192
41.5
261
115
10.9
90.9
26.1
192
39.7
269
230
12.8
102
26.5
201
40
274
265
14.7
110
26.7
194
39.4
270



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com