Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2864 Datasheet(PDF) 22 Page - STMicroelectronics

Part # AN2864
Description  VIPER17L demonstration board with wide-range
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2864 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button AN2864 Datasheet HTML 18Page - STMicroelectronics AN2864 Datasheet HTML 19Page - STMicroelectronics AN2864 Datasheet HTML 20Page - STMicroelectronics AN2864 Datasheet HTML 21Page - STMicroelectronics AN2864 Datasheet HTML 22Page - STMicroelectronics AN2864 Datasheet HTML 23Page - STMicroelectronics AN2864 Datasheet HTML 24Page - STMicroelectronics AN2864 Datasheet HTML 25Page - STMicroelectronics AN2864 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 29 page
background image
Testing the board
AN2864
22/29
Doc ID 15282 Rev 1
Figure 20.
Operation with output shorted (VIN = 115 VAC)
3.6
Secondary winding short-circuit protection
The VIPER17L is equipped with an adjustable first level of primary overcurrent limitation that
switches off the power MOSFET if this level is exceeded. This limitation acts cycle-by-cycle
and its main purpose is to limit the maximum deliverable output power. A second level of
primary non-adjustable overcurrent protection is also present, fixed at 600 mA (typical
value). If the drain current exceeds this 2nd OCP (second overcurrent protection) threshold,
the device enters into a warning state. At the next cycle, the MOSFET is switched on and if
the second level of overcurrent protection is exceeded again, the device assumes that a
secondary winding short-circuit or a hard saturation of the transformer has occurred, so the
MOSFET is no longer allowed to switch on and the device stops operating. In order to
enable the MOSFET to switch on again, the VDD voltage must be recycled. That is, VDD
must go down to VDD_RESTART, then rise up to VDD_ON. When the VIPER17L is switched on
again (VDD equals VDD_ON), the MOSFET switching can restart. If the cause of the 2
nd
overcurrent protection activation is not removed, the device switches into auto-restart mode.
This protection was tested on the STEVAL-ISA058V1demonstration board. The secondary
winding of the transformer was shorted in different operating conditions. Figure 21 and
Figure 22
show the behavior of the system during the tests.
Ch1: VDD
Ch2: VFB
Ch4: IDRAIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com