Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2864 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN2864
Description  VIPER17L demonstration board with wide-range
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2864 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN2864 Datasheet HTML 7Page - STMicroelectronics AN2864 Datasheet HTML 8Page - STMicroelectronics AN2864 Datasheet HTML 9Page - STMicroelectronics AN2864 Datasheet HTML 10Page - STMicroelectronics AN2864 Datasheet HTML 11Page - STMicroelectronics AN2864 Datasheet HTML 12Page - STMicroelectronics AN2864 Datasheet HTML 13Page - STMicroelectronics AN2864 Datasheet HTML 14Page - STMicroelectronics AN2864 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
AN2864
Testing the board
Doc ID 15282 Rev 1
11/29
3
Testing the board
3.1
Typical board waveforms
The STEVAL-ISA058V1 demonstration board must operate with a wide range of input
voltages. For this reason, the waveforms are reported for the minimum, maximum and
nominal input voltage values.
Figure 6
and Figure 7 show the drain current and the drain voltage waveforms at the
nominal input voltage values, which are 115 VAC and 230 VAC for a maximum load (1 A).
Figure 8
and Figure 9 show the waveforms for the same load condition, but with the
minimum input voltage values (90 VAC) in Figure 8 and the maximum ones (265 VAC) in
Figure 9
.
Figure 6.
Drain current and voltage at full
load 115 VAC
Figure 7.
Drain current and voltage at full
load 230 VAC
Figure 8.
Drain current and voltage at full
load 90 VAC
Figure 9.
Drain current and voltage at full
load 265 VAC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com