Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2864 Datasheet(PDF) 24 Page - STMicroelectronics

Part # AN2864
Description  VIPER17L demonstration board with wide-range
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2864 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button AN2864 Datasheet HTML 20Page - STMicroelectronics AN2864 Datasheet HTML 21Page - STMicroelectronics AN2864 Datasheet HTML 22Page - STMicroelectronics AN2864 Datasheet HTML 23Page - STMicroelectronics AN2864 Datasheet HTML 24Page - STMicroelectronics AN2864 Datasheet HTML 25Page - STMicroelectronics AN2864 Datasheet HTML 26Page - STMicroelectronics AN2864 Datasheet HTML 27Page - STMicroelectronics AN2864 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 29 page
background image
Testing the board
AN2864
24/29
Doc ID 15282 Rev 1
3.7
Output overvoltage protection
Output over-voltage protection is implemented by monitoring the voltage across the auxiliary
winding during the MOSFET off time through the D2 diode and the resistor dividers R3 and
R14 (see schematic in Figure 2), which are connected to the CONT pin of the VIPER17L. If
the voltage on the CONT pin exceeds the VOVP thresholds (3 V typ.), an overvoltage event is
assumed and the device is no longer allowed to switch. To re-enable the operation, the VDD
voltage must be recycled. In order to provide high noise immunity and avoid spikes
erroneously triggering the protection, a digital filter is implemented so that the CONT pin has
to sense a voltage higher than the VOVP for four consecutive cycles before stopping the
operation.
Figure 23.
OVP circuit
The value of the output voltage when the protection should be triggered can be set through
proper selection of the resistor dividers R3 and R14. While R3 is selected with consideration
to the maximum power that the converter has to manage, R14 is selected according to the
following formula.
Equation 2
The protection is tested by disconnecting the opto-coupler from the feedback pin and light
loading the converter. In this way the converter operates in open loop and delivers the most
power possible. The excess power over the load charges the output capacitance, increasing
the output voltage, since the OVP is tripped and the converter stops working.
In Figure 24 it can be observed that the output voltage (Ch1, yellow waveform) increases
and as it reaches the value of 6.6 V the converter stops switching. In the same figure the
CONT pin voltage (Ch3, magenta waveform) and the drain current (Ch4, green waveform)
are shown. The crest value of the CONT pin voltage tracks the output voltage. In Figure 25,
the last switching cycles before the protection is triggered are reported in detail.
Current Limit C ompa rator
OVP DETECTION
LOGI C
Rlim
Dov p (D 2)
Aux iliary
winding
F rom SenseF ET
To OVP Protection
To PWM Logic
Curr. Lim .
BLOCK
(R2)
CONT PIN
R ov p (R14)
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
−
−
⋅
⋅
=
V
3
V
V
N
N
V
3
R
R
)
2
D
_(
ovp
D
_
drop
OVP
_
OUT
s
AUX
)
2
R
_(
LIM
)
14
R
_(
OVP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com