Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2864 Datasheet(PDF) 18 Page - STMicroelectronics

Part # AN2864
Description  VIPER17L demonstration board with wide-range
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2864 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button AN2864 Datasheet HTML 14Page - STMicroelectronics AN2864 Datasheet HTML 15Page - STMicroelectronics AN2864 Datasheet HTML 16Page - STMicroelectronics AN2864 Datasheet HTML 17Page - STMicroelectronics AN2864 Datasheet HTML 18Page - STMicroelectronics AN2864 Datasheet HTML 19Page - STMicroelectronics AN2864 Datasheet HTML 20Page - STMicroelectronics AN2864 Datasheet HTML 21Page - STMicroelectronics AN2864 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 29 page
background image
Testing the board
AN2864
18/29
Doc ID 15282 Rev 1
Figure 17.
VIN average vs. load efficiency
In version 2.0 of the ENERGY STAR® program requirements for single voltage external AC-
DC power supplies [2], the power supplies are divided into two categories: low voltage
power supplies and standard power supplies according to the nameplate output voltage and
current. In order to be considered a low voltage power supply, an external power supply
must have a nameplate output voltage lower than 6 V and a nameplate output current higher
than or equal to 550 mA.
The tables below report the EPA energy efficiency criteria for AC-DC power supplies in
active mode for standard and low voltage models.
Table 10.
Energy efficiency criteria for standard models
Nameplate output power
(Pno)
Minimum average efficiency in active mode
(expressed as a decimal)
0 to
≤ 1 watt
≥ 0.48*Pno+0.140
> 1 to
≤ 49 watts
≥ [0.0626 * In (Pno)] + 0.622
> 49 watts
≥ 0.870
Table 11.
Energy efficiency criteria for low voltage models
Nameplate output power
(Pno)
Minimum average efficiency in active mode
(expressed as a decimal)
0 to
≤ 1 W
≥ 0.497 *P
no + 0.067
> 1 to
≤ 49 W
≥ [0.075 * In (P
no)] + 0.561
> 49 W
≥ 0.860



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com