Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2864 Datasheet(PDF) 20 Page - STMicroelectronics

Part # AN2864
Description  VIPER17L demonstration board with wide-range
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2864 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button AN2864 Datasheet HTML 16Page - STMicroelectronics AN2864 Datasheet HTML 17Page - STMicroelectronics AN2864 Datasheet HTML 18Page - STMicroelectronics AN2864 Datasheet HTML 19Page - STMicroelectronics AN2864 Datasheet HTML 20Page - STMicroelectronics AN2864 Datasheet HTML 21Page - STMicroelectronics AN2864 Datasheet HTML 22Page - STMicroelectronics AN2864 Datasheet HTML 23Page - STMicroelectronics AN2864 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 29 page
background image
Testing the board
AN2864
20/29
Doc ID 15282 Rev 1
The board performance is much better than required, as the power consumption is
approximately twelve times lower than the ENERGY STAR® limit. However, even if the
performance seems to be disproportionately better than required, it should be noted that
AC-DC adapter or battery charger manufacturers often have very strict requirements
regarding no load consumption. For example, in the case of converters used as an auxiliary
power supply in LCD TVs, the line filter is often the big line filter of the entire power supply,
which significantly increases standby consumption.
Even if the ENERGY STAR® program has no other requirements regarding light load
performance, to provide complete information the input power and efficiency of the STEVAL-
ISA058V1 demonstration board in two other low load cases is also reported. Table 14 and
Table 15
display the low load performance when the output load is 25 mW and 50 mW,
respectively.
Table 14.
Low load performance 25 mW of load
VIN_AC
POUT (mW)
PIN (mW)
Eff. (%)
PIN-POUT (mW)
90
25.0
44.3
56.4
19.3
115
25.0
45.3
55.2
20.3
230
25.0
56.1
44.6
31.3
265
25.0
59.4
42.1
34.4
Table 15.
Low load performance 50 mW of load
VIN_AC
POUT (mW)
PIN (mW)
Eff. (%)
PIN-POUT (mW)
90
50.00
74.3
67.3
24.3
115
50.00
75.7
66.1
25.7
230
50.00
86.1
58.1
36.1
265
50.00
95.5
52.4
45.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com