Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2864 Datasheet(PDF) 19 Page - STMicroelectronics

Part # AN2864
Description  VIPER17L demonstration board with wide-range
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2864 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button AN2864 Datasheet HTML 15Page - STMicroelectronics AN2864 Datasheet HTML 16Page - STMicroelectronics AN2864 Datasheet HTML 17Page - STMicroelectronics AN2864 Datasheet HTML 18Page - STMicroelectronics AN2864 Datasheet HTML 19Page - STMicroelectronics AN2864 Datasheet HTML 20Page - STMicroelectronics AN2864 Datasheet HTML 21Page - STMicroelectronics AN2864 Datasheet HTML 22Page - STMicroelectronics AN2864 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 29 page
background image
AN2864
Testing the board
Doc ID 15282 Rev 1
19/29
Figure 18.
ENERGY STAR® efficiency criteria
The ENERGY STAR® efficiency criteria are plotted in where the red line indicates the
criteria for standard models and the blue line the criteria for low voltage models.
The power supply presented here belongs to the low voltage power supply category and in
order to be compliant with ENERGY STAR® requirements needs to have efficiency higher
than 68.2%. For all the considered input voltages the efficiency (see Table 8), the results are
higher than the recommended value.
3.4
Light load performance
The input power of the converter is measured in no load conditions for different input
voltages. The results are reported in Table 12.
In version 2.0 of the ENERGY STAR® program [2], the power consumption of the power
supply when it is not loaded is also taken into account. Table 13 reports the criteria for
compliance.
0.1
1
10
100
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
st Pno
()
lv Pno
()
Pno
Table 12.
No load input power
VIN AC (VRMS)PIN (mW)
90
13.50
115
13.70
230
21.20
265
25.00
Table 13.
Energy consumption criteria for no load
Nameplate output power (Pno)
Maximum power in no load for AC-DC EPS
0 to = 50 W
< 0.3 W
> 50 watts < 250 W
< 0.5 W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com