Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2864 Datasheet(PDF) 17 Page - STMicroelectronics

Part # AN2864
Description  VIPER17L demonstration board with wide-range
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2864 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button AN2864 Datasheet HTML 13Page - STMicroelectronics AN2864 Datasheet HTML 14Page - STMicroelectronics AN2864 Datasheet HTML 15Page - STMicroelectronics AN2864 Datasheet HTML 16Page - STMicroelectronics AN2864 Datasheet HTML 17Page - STMicroelectronics AN2864 Datasheet HTML 18Page - STMicroelectronics AN2864 Datasheet HTML 19Page - STMicroelectronics AN2864 Datasheet HTML 20Page - STMicroelectronics AN2864 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 29 page
background image
AN2864
Testing the board
Doc ID 15282 Rev 1
17/29
Figure 16.
Active mode efficiency vs. VIN
Table 8.
Active mode efficiencies
VINAC (VRMS)
Efficiency (%)
90
80.6
115
81.9
230
79.9
265
78.9
Table 9.
Line voltage averaged efficiency vs. load
Load (% of full load)
Efficiency (%)
100
79.39
75
79.85
50
78.67
25
75.56



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com