Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2864 Datasheet(PDF) 16 Page - STMicroelectronics

Part # AN2864
Description  VIPER17L demonstration board with wide-range
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2864 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button AN2864 Datasheet HTML 12Page - STMicroelectronics AN2864 Datasheet HTML 13Page - STMicroelectronics AN2864 Datasheet HTML 14Page - STMicroelectronics AN2864 Datasheet HTML 15Page - STMicroelectronics AN2864 Datasheet HTML 16Page - STMicroelectronics AN2864 Datasheet HTML 17Page - STMicroelectronics AN2864 Datasheet HTML 18Page - STMicroelectronics AN2864 Datasheet HTML 19Page - STMicroelectronics AN2864 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 29 page
background image
Testing the board
AN2864
16/29
Doc ID 15282 Rev 1
Figure 14.
Efficiency vs. VIN
Figure 15.
Efficiency vs. load
The active mode efficiency is defined as the average of the efficiencies measured in
different load conditions. These different load conditions are: 25%, 50%, 75% and 100% of
the maximum load. Table 8 reports the active mode efficiency calculated from the measured
values displayed inTable 7. For better visibility, the values of Table 8 are also plotted in
Figure 16
. Figure 17 reports the averaged efficiency value versus load (average is
measured considering the efficiency at different input voltage).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com