Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2870 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN2870
Description  L6585DE combo IC
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2870 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button AN2870 Datasheet HTML 2Page - STMicroelectronics AN2870 Datasheet HTML 3Page - STMicroelectronics AN2870 Datasheet HTML 4Page - STMicroelectronics AN2870 Datasheet HTML 5Page - STMicroelectronics AN2870 Datasheet HTML 6Page - STMicroelectronics AN2870 Datasheet HTML 7Page - STMicroelectronics AN2870 Datasheet HTML 8Page - STMicroelectronics AN2870 Datasheet HTML 9Page - STMicroelectronics AN2870 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 41 page
background image
L6585DE combo IC
AN2870
6/41
2
L6585DE combo IC
The L6585DE embeds both a PFC converter and a ballast regulator in a single SO20
package. It is intended to design complete high power electronic ballasts with a single chip.
●
The most significant features of the L6585DE concern the following points:
●
Transition mode PFC converter with over voltage and over current protection.
●
Half-bridge controller with High voltage driver (600 Vdc) and integrated bootstrap
diode.
●
3% precise, fully programmable oscillator.
●
Flexibility in programming preheating time and ignition time.
●
Configurable EOL detection and over current protection.
●
Hard switching detection.
The PFC section achieves current mode control operating in Transition Mode. The multiplier,
together with the internal THD optimizer, reduces input current distortion, and allows
reaching very high performances also in wide-range-mains operation and large load range.
The PFC output voltage is controlled by means of a voltage-mode error amplifier and a
precise internal voltage reference.
A static and dynamic OVP protects the IC from excessive output voltage and an over current
protection turns off the PFC gate driver in case of PFC choke saturation.
The PFC driver is able to provide 300 mA (source) and 600 mA (sink).
The half bridge section is driven by a current controlled oscillator (CCO) and the internal
control logic.
The steady state frequency, the preheating frequency, the pre-heating time, the over-current
protection time and the ignition time are independently set by means of six external
components (resistors and capacitors).
An over-current protection limits the voltage across the HBCS pin acting directly on the CCO
realizing a precise closed loop control. This control lasts for a time set by the Tch pin and,
after that, if the fault condition is still present, the IC is stopped in low consumption mode.
The HBCS voltage amplitude depends on actual operating mode, then this protection can
detect either a broken lamp during ignition (in this case the current regulation implies the
lamp voltage regulation) or the symmetrical ageing of the lamp during run mode.
An internal window comparator can be simply configured setting the window amplitude or
the comparator reference in order to detect the EOL status. The programmability of
comparator reference makes the L6585DE compliant with either “lamp-to-ground” (fixed
reference) or “block capacitor-to ground” (tracking with CTR) configurations.
The drivers of the half-bridge provide 290 mA source and 480 mA sink.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com