Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2870 Datasheet(PDF) 24 Page - STMicroelectronics

Part # AN2870
Description  L6585DE combo IC
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2870 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button AN2870 Datasheet HTML 20Page - STMicroelectronics AN2870 Datasheet HTML 21Page - STMicroelectronics AN2870 Datasheet HTML 22Page - STMicroelectronics AN2870 Datasheet HTML 23Page - STMicroelectronics AN2870 Datasheet HTML 24Page - STMicroelectronics AN2870 Datasheet HTML 25Page - STMicroelectronics AN2870 Datasheet HTML 26Page - STMicroelectronics AN2870 Datasheet HTML 27Page - STMicroelectronics AN2870 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 41 page
background image
Designing with L6585DE
AN2870
24/41
The time when input voltage is greater than VOUT/2 can be calculated as follows:
Equation 15
Within t2-t1 interval capacitive losses can be written as:
Equation 16
Where
Equation 17
These losses are greater at higher input voltage.
Figure 13
illustrates an example of calculation in wide range application
(Pin = 64 W, MOSFET STx7NM50).
Figure 13.
PFC MOSFET losses (example)
1
mains
2
mains
rms
,
in
OUT
1
t
f
2
1
t
f
2
V
2
2
V
arcsin
t
−
=
π
⎟
⎟
⎠
⎞
⎜
⎜
⎝
⎛
⋅
⋅
=
()
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
+
+
+
=
2
Drain
ext
oss
rss
2
3
Drain
oss
sw
cap
V
C
C
C
2
1
V
C
3
.
3
f
P
()
[
]
∫
−
ω
⋅
=
2
1
t
t
2
out
rms
,
in
mains
rms
,
Drain
dt
V
t
sin
V
2
2
f
2
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com