Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2870 Datasheet(PDF) 14 Page - STMicroelectronics

Part # AN2870
Description  L6585DE combo IC
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2870 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button AN2870 Datasheet HTML 10Page - STMicroelectronics AN2870 Datasheet HTML 11Page - STMicroelectronics AN2870 Datasheet HTML 12Page - STMicroelectronics AN2870 Datasheet HTML 13Page - STMicroelectronics AN2870 Datasheet HTML 14Page - STMicroelectronics AN2870 Datasheet HTML 15Page - STMicroelectronics AN2870 Datasheet HTML 16Page - STMicroelectronics AN2870 Datasheet HTML 17Page - STMicroelectronics AN2870 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 41 page
background image
Device blocks description
AN2870
14/41
3.3.2
Overcurrent control and protections
Limiting the current flowing into the half bridge:
●
The lamp voltage during the ignition phase is limited
●
The power of the lamp during run mode is limited
Ignition phase: (see Figure 8) if the VHBCS high threshold (HBCSH = 1.6 V) is crossed
(because the lamp doesn’t ignite), the following actions are taken by L6585DE:
1.
A current, whose amplitude is proportional to the time the VHBCS is above threshold, is
sunk from EOI and consequently from RF pin. This results in a frequency increase that
reduces the resonant network current and therefore the lamp voltage.
2.
A reduced time is calculated by Tch pin:
a)
The 31µA generator charges CD to 4.63 V
b)
Instead of leaving CD to be discharged by RD, a 26 µA current generator discharge
quickly CD to 1.5 V (S4 on)
c)
The pull down switch S3 completes the reduced cycle
The reduced Tch cycle depends only on CD value and is equal to:
Equation 1
At the end of the Tch cycle, during the first subsequent low side on time, the HBCS voltage
is checked: if VHBCS is higher than a threshold (HBCSH,test) the IC is stopped in latched
condition, otherwise EOI pin is released in high impedance status. When EOI voltage
reaches 1.9 V the IC enters the run mode.
The sense resistor value defines the maximum current that can flow during ignition and then
the maximum allowed lamp voltage.
The linear growth of the lamp voltage, thanks to the exponential decrease of the operating
frequency during ignition allows a better control of the voltage thanks to a lower dV/dFsw.
In case of choke saturation the intense current results in very high VHBCS. The 2.75
threshold triggers this event and stops immediately the IC.
Run mode: During this phase, current control similar to the one present during ignition is
available in case of an over-current due to symmetrical ageing of the lamp. It follows the
same rules, but the threshold is equal to 1.05 V instead of 1.6 V.
Also during run mode the saturation protection is active: in case of choke saturation due to
lamp breaking, lamp removal and capacitive mode where VHBCS experiences a spike whose
amplitude is higher than 1.6 V and whose duration is longer than 300 ns. This kind of event
causes the IC turn-off in latched condition.
The lamp ageing causes the shift of peak of the resonance curve towards the run frequency.
This results in hard switching behavior: the half bridge doesn’t work at ZVS and spikes
appears at HBCS pin. These spikes have very high amplitude (up to 8 V) and short duration
(30 ns-50 ns).
D
snk
,
Tch
source
,
Tch
D
reduced
,
Tch
C
269740
I
5
.
1
63
.
4
I
63
.
4
C
T
⋅
≅
⎟
⎟
⎠
⎞
⎜
⎜
⎝
⎛
−
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com