Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2870 Datasheet(PDF) 25 Page - STMicroelectronics

Part # AN2870
Description  L6585DE combo IC
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2870 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button AN2870 Datasheet HTML 21Page - STMicroelectronics AN2870 Datasheet HTML 22Page - STMicroelectronics AN2870 Datasheet HTML 23Page - STMicroelectronics AN2870 Datasheet HTML 24Page - STMicroelectronics AN2870 Datasheet HTML 25Page - STMicroelectronics AN2870 Datasheet HTML 26Page - STMicroelectronics AN2870 Datasheet HTML 27Page - STMicroelectronics AN2870 Datasheet HTML 28Page - STMicroelectronics AN2870 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 41 page
background image
AN2870
Designing with L6585DE
25/41
Boost diode selection
Boost diode experiences a maximum current equal to maximum boost inductor current, an
average current equal to POUT/VOUT and a RMS current equal to:
Equation 18
The maximum reverse voltage must be greater or equal to VOUT and a fast Schottky diode is
suggested.
Diode power losses can be calculated using the formula reported in diode datasheet:
Equation 19
Bulk capacitor selection
Output voltage ripple is due to capacitance value and equivalent series resistor (ESR) of
bulk capacitor. ESR value is a function of frequency: higher the frequency, lower the ESR
value. The worst ESR will be measured in correspondence of the peak of the input voltage,
when the PFC frequency reaches the minimum frequency.
Equation 20
Rms value of the bulk capacitor current is:
Equation 21
Multiplier biasing and PFC current sense resistor selection
The multiplier biasing proceeds as follows (Figure 14):
1.
Calculate the range of the peak of the input voltage.
2.
Consider the characteristic curve that exploits the maximum slope and the point that
guarantees, on this curve, a linear behavior. Indicate this point as (Vmult,1,VCS,1)
rms
,
in
OUT
in
2
RMS
,
MOS
2
rms
,
L
rms
,
d
V
V
P
2
2
3
4
I
I
I
π
=
−
=
2
rms
,
d
2
AV
,
d
1
I
K
I
K
⋅
+
⋅
RMS
,
C
f
@
out
OUT
mains
OUT
OUT
out
min
,
PFC
I
ESR
C
V
f
4
P
V
⋅
+
⋅
⋅
⋅
π
=
Δ
2
OUT
OUT
OUT
rms
,
in
2
in
RMS
,
C
V
P
V
V
P
9
2
32
I
OUT
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
−
⋅
⋅
π
⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com