Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2870 Datasheet(PDF) 8 Page - STMicroelectronics

Part # AN2870
Description  L6585DE combo IC
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2870 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button AN2870 Datasheet HTML 4Page - STMicroelectronics AN2870 Datasheet HTML 5Page - STMicroelectronics AN2870 Datasheet HTML 6Page - STMicroelectronics AN2870 Datasheet HTML 7Page - STMicroelectronics AN2870 Datasheet HTML 8Page - STMicroelectronics AN2870 Datasheet HTML 9Page - STMicroelectronics AN2870 Datasheet HTML 10Page - STMicroelectronics AN2870 Datasheet HTML 11Page - STMicroelectronics AN2870 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 41 page
background image
Device blocks description
AN2870
8/41
3
Device blocks description
3.1
Start-up and shut-down
During start-up the chip is supplied through a resistive path from the rectified AC Mains
voltage whereas, during normal operation, a self-supply source is recommended: a charge
pump, an auxiliary winding coupled either with PFC choke or resonant choke, or an auxiliary
converter.
As the voltage at Vcc pin reaches the turn-on threshold (VccON, Figure 3-A), the chip is
enabled and (unless a lamp absence is detected) the Half-Bridge and the PFC sections
start at the same time (independently):
●
The PFC section, as the synchronization signal at pin ZCD is not yet generated by the
external ZCD circuit, is forced to switch by internal starter (fstarter = 6 kHz (typ)) for the
first few switching cycles, until the control loop operates correctly at a frequency higher
than fstarter.
●
The oscillator starts switching at a preheating frequency set by values of COSC, RRUN
and RPRE.
At shut-down (Figure 3-B), when the VCC decreases below the UVLO threshold (either in
case of mains removal or in case of fault):
●
All drivers are off;
●
EOI pin is discharged (the internal switch is on);
●
RF reference is disabled;
●
Tch is discharged.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com