Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2870 Datasheet(PDF) 10 Page - STMicroelectronics

Part # AN2870
Description  L6585DE combo IC
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2870 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button AN2870 Datasheet HTML 6Page - STMicroelectronics AN2870 Datasheet HTML 7Page - STMicroelectronics AN2870 Datasheet HTML 8Page - STMicroelectronics AN2870 Datasheet HTML 9Page - STMicroelectronics AN2870 Datasheet HTML 10Page - STMicroelectronics AN2870 Datasheet HTML 11Page - STMicroelectronics AN2870 Datasheet HTML 12Page - STMicroelectronics AN2870 Datasheet HTML 13Page - STMicroelectronics AN2870 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 41 page
background image
Device blocks description
AN2870
10/41
3.2
PFC section
3.2.1
Error amplifier
The error amplifier (E/A, Figure 4) is used to close the output voltage control loop. Its non
inverting input is connected to a precise voltage reference (2.52 V), the inverting input and
the output are externally available (pin 10 –INV; pin 9 – COMP).
The compensation network, placed between pins INV and COMP, is needed to reject the
mains ripple.
The E/A output dynamic is internally clamped: it can swing between 2.25 V and 4.2 V in
order to speed up the recovery after the E/A saturates low due to an over-voltage (static
OVP) or saturates high because of an over-current.
Figure 4.
PFC section block
3.2.2
Multiplier block and THD optimizer
The multiplier (Figure 4) gives the sinusoidal voltage reference to the current sense in order
to absorb from the mains a sinusoidal current. This current will be function of both input
voltage and load current then this block has two inputs: the first one (Pin MULT – 8) takes a
partition of the instantaneous rectified line voltage and the second one (Pin COMP – 9) is
the output of the E/A.
An internal voltage clamp (1 V) sets the maximum allowed voltage of the multiplier output,
then it act as PFC current limiter.
When the rectified input voltage reaches 0 V the boost inductor cannot store enough energy
to discharge the input capacitor: this event increases the THD. In order to avoid this
additional distortion, a THD optimizer block is placed between the output of the multiplier
and the current sense comparator.
The characteristic curves of the multiplier block are reported in Figure 14.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com