Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2870 Datasheet(PDF) 18 Page - STMicroelectronics

Part # AN2870
Description  L6585DE combo IC
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2870 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button AN2870 Datasheet HTML 14Page - STMicroelectronics AN2870 Datasheet HTML 15Page - STMicroelectronics AN2870 Datasheet HTML 16Page - STMicroelectronics AN2870 Datasheet HTML 17Page - STMicroelectronics AN2870 Datasheet HTML 18Page - STMicroelectronics AN2870 Datasheet HTML 19Page - STMicroelectronics AN2870 Datasheet HTML 20Page - STMicroelectronics AN2870 Datasheet HTML 21Page - STMicroelectronics AN2870 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 41 page
background image
Device blocks description
AN2870
18/41
Lamp to ground
(Figure 11): the resistive divider senses the voltage across the lamp. As
the L6585DE doesn’t have a negative rail, it is necessary to shift the external signal; this can
be done (for example) using two Zener diodes connected back-to-back between the EOL
pin and the centre of the resistive divider.
The Zener voltages should differ by an amount as close as possible to the double of the
internal reference to have a symmetrical detection, in fact:
Let be VUP and VDOWN the maximum allowed values of the DC component of the Lamp
Voltage divided by the divider factor KD, W the window amplitude, VZ the Zener voltage of a
Zener and VF the forward voltage of the Zener (@ 5.5 μA)
●
VUP = VLAMP,MAX/KD = VREF + W/2 + VZ1 + VF
●
VDOWN = VLAMP,MIN/KD = VREF – W/2 – VZ2 – VF
It must be:
●
VUP = - VDOWN
therefore:
●
2 VREF = VZ2 − VZ1
The biasing current available at pin EOL is equal to 5.5
μA then the V
Z1 Voltage should be
greater than 8 V in order to have a more precise EOL threshold.
In this case the window comparator can be referenced to the 2.5 V internal reference as
external disturbances don’t influence the lamp voltage mean value (Fixed reference
configurations).
In the Figure 11 is shown the case of asymmetric rectification with positive shifting.
To avoid an immediate intervention of the EOL protection, a filtering is introduced: as soon
as the voltage at pin EOL goes outside the window of the comparator a Tch cycle is started.
The IC is stopped if, at the end of the Tch cycle, the EOL voltage is again outside the limits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com