Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2870 Datasheet(PDF) 12 Page - STMicroelectronics

Part # AN2870
Description  L6585DE combo IC
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2870 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AN2870 Datasheet HTML 8Page - STMicroelectronics AN2870 Datasheet HTML 9Page - STMicroelectronics AN2870 Datasheet HTML 10Page - STMicroelectronics AN2870 Datasheet HTML 11Page - STMicroelectronics AN2870 Datasheet HTML 12Page - STMicroelectronics AN2870 Datasheet HTML 13Page - STMicroelectronics AN2870 Datasheet HTML 14Page - STMicroelectronics AN2870 Datasheet HTML 15Page - STMicroelectronics AN2870 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 41 page
background image
Device blocks description
AN2870
12/41
3.2.4
Zero current detection
The zero current detection (ZCD) block switches on the external PFC MOSFET as the
current through the boost inductor has gone to zero. This feature allows TM operation.
When the circuit is running, the signal for ZCD is obtained with an auxiliary winding coupled
with the boost inductor. A Schmidt trigger prevents false activations and an internal clamp
limits the voltage across the pin during normal operation in 0 V-5 V range. As at start-up no
signal is coming from the ZCD, an internal starter is needed in order to turn on the external
MOSFET and to arm the ZCD trigger.
The repetition rate of the starter is
≅ 6 kHz and this maximum frequency must be taken into
account at design time.
3.2.5
Driver
A totem pole buffer, with 300 mA source and 600 mA sink capability, allows driving an
external MOSFET. A pull-down circuit holds the output low when the device is in UVLO
conditions, to ensure that the external MOSFET cannot be turned on accidentally.
3.2.6
PFC protections
The device is provided with a double over-voltage protection (OVP).
The first over voltage protection, also called dynamic OVP, is activated immediately when
CTR pin (pin 7) goes above 3.4 V. The maximum voltage allowed for the output voltage
(VOVP) is defined by a resistive divider connected between output voltage and CTR pin.
In case of over voltage, the output of the E/A will tend to saturate low with a long constant
time, because of the bandwidth of this stage (typ. 10 Hz).
If the over-voltage lasts so long that the output of E/A goes below 2.25 V, the PF gate driver
is stopped and Tch timer is started. If E/A output voltage doesn’t return above 2.25 V after
the timer finishes its count, the IC is stopped in latch condition. This protection prevents
damages due to the connection to an excessive input voltage.
An intense high voltage (e.g. a surge) may break the upper resistors (one or more than one)
of the voltage dividers connected to input voltage (MULT biasing) or to output voltage (INV
and CTR biasing). Losing of the bias on pin INV implies losing of the control of the loop: in
fact E/A output saturates high and causes an increased output voltage, eventually not seen
by OVP because of failure on CTR voltage divider. The feedback disconnection protection
prevents this failure stopping the PF gate if INV voltage falls below 1.2 V and CTR pin goes
above 3.4 V. CTR pin can be also used to disable the IC pulling its voltage below 0.8 V.
Figure 6.
Protections block diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com