Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2870 Datasheet(PDF) 33 Page - STMicroelectronics

Part # AN2870
Description  L6585DE combo IC
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2870 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button AN2870 Datasheet HTML 29Page - STMicroelectronics AN2870 Datasheet HTML 30Page - STMicroelectronics AN2870 Datasheet HTML 31Page - STMicroelectronics AN2870 Datasheet HTML 32Page - STMicroelectronics AN2870 Datasheet HTML 33Page - STMicroelectronics AN2870 Datasheet HTML 34Page - STMicroelectronics AN2870 Datasheet HTML 35Page - STMicroelectronics AN2870 Datasheet HTML 36Page - STMicroelectronics AN2870 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 41 page
background image
AN2870
Designing with L6585DE
33/41
The ignition time is equal to the time the capacitor Cign is charged by the RF current and the
EOI leakage current. A precise calculation of this parameter is not needed. It’s
approximately equal to:
Equation 44
Preheating time and protection time are related to Tch cycle:
Equation 45
Equation 46
Half bridge design
When resonant network works in inductive region, half bridge MOSFETs switch at zero
voltage switching condition.
This implies that high side and low side MOSFETs experience mainly conduction losses
because of their on state resistance.
Equation 47
Irms can be considered as per Eq 38 or can be calculated considering that the waveform
seen during an on time is a sinusoid having a frequency equal to resonance frequency.
From thermal consideration the maximum Rds,on can be calculated.
In order to drive correctly the high side MOSFET, a suitable boostrap capacitor is needed.
The size of the boostrap capacitor can be calculated considering the allowed Vgs drop, the
total gate capacitance of the High side MOSFET and the Ron of the integrated boostrap
diode.
In steady state, during the ON time of the low side transistor the bootstrap capacitor stores
charges:
Equation 48
During the ON time of the high side transistor, the charges stored in bootstrap capacitor are
shared with total gate capacitance, causing a voltage drop:
ign
pre
ign
C
R
3
T
=
⎟
⎠
⎞
⎜
⎝
⎛
+
=
5
.
1
63
.
4
ln
C
R
I
C
63
.
4
T
D
D
TCH
D
pre
D
prot
C
269740
T
⋅
=
( )2
rms
on
,
ds
cond
I
R
P
⋅
=
cc
boot
boot
V
C
Q
⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com