Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3093 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN3093
Description  ALTAIR05T-800 5 W wide range CV-CC optoless adapter demonstration board
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3093 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN3093 Datasheet HTML 3Page - STMicroelectronics AN3093 Datasheet HTML 4Page - STMicroelectronics AN3093 Datasheet HTML 5Page - STMicroelectronics AN3093 Datasheet HTML 6Page - STMicroelectronics AN3093 Datasheet HTML 7Page - STMicroelectronics AN3093 Datasheet HTML 8Page - STMicroelectronics AN3093 Datasheet HTML 9Page - STMicroelectronics AN3093 Datasheet HTML 10Page - STMicroelectronics AN3093 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
AN3093
Test board: design and evaluation
Doc ID16539 Rev 1
7/29
Table 2.
ALTAIR05T-800 demonstration board: bill of material(1)
1.
If not otherwise specified, all resistors are 5%, 1/4 W.
Reference
Part
Description
Note
R1
22
Ω - 1 W
Axial flame proof
R2
120 k
Ω SMD (1206)
R3
36 k
Ω
1% tolerance
R4
0
Ω
R5
Not connected
See Section A.4: Cable
drop compensation block
R6
7.5 k
Ω
1% tolerance
R7
10 k
Ω
R8
1.2
Ω
1% tolerance
R9
1.5 k
Ω
C1, C2
4.7 µF 400 V electrolytic
C3
1 nF - 500 V XR7
C4
10 µF - 35 V electrolytic
C5
1 nF - 25 V
C6
470 nF - 25 V
C7
4.7 nF - 25 V
C8
B41889A4108M
1000 µF - 16 V electrolytic
Epcos
C9
100 nF - 25 V
C10
Y1- capacitor
2.2 nF - 230 V
D1
STTH1L06
Ultra fast high voltage diode
STMicroelectronics
D2
BAT46
Small signal Schottky diode
STMicroelectronics
D3
STPS3L40UF
Power Schottky diode
STMicroelectronics
L1
B78108S1474J
470 µH axial inductor
Epcos
BR
MB6S RC
Input bridge rectifier
TF
1335.0032 rev.1
Flyback transformer
Magnetica®
IC
ALTAIR05T-800
Primary switching regulator
STMicroelectronics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com